Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR6000-R12 Datasheet(PDF) 2 Page - TDK Electronics

Part # BR6000-R12
Description  Film Capacitors ??Power Factor Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BR6000-R12 Datasheet(HTML) 2 Page - TDK Electronics

  BR6000-R12 Datasheet HTML 1Page - TDK Electronics BR6000-R12 Datasheet HTML 2Page - TDK Electronics BR6000-R12 Datasheet HTML 3Page - TDK Electronics BR6000-R12 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Film Capacitors – Power Factor Correction
B44066R1311E230
Data logger BR6000-R12/S485 / BR7000
DataLogSD
FILM PFC PM
May 2011
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Data logger for PF controller BR6000-R12/S485 / BR7000
Recording of grid parameters, switching behaviour
and temperature values of a system on SD-card
Visualisation and evaluation via comfortable
Windows-based software
Compact design in plastic casing
Evaluation software, SD-card, connection cable included
in the delivery
No extra auxiliary voltage supply needed
Technical data and specifications
Dimensions
66 x 66 x 28 mm (h x w x d)
Weight
ca. 0.1 kg
Power supply
Self-supporting via interface BR6000-R12/S485 /
BR7000
Power consumption
ca. 50 mA
Recorded grid parameters
Voltage, current, reactive, effective and apparent power, frequency,
harmonics up to 31
st of V and I, power factor (cos φ), THD-V, THD-I,
energy
Recorded parameters of the
compensation system
System temperature, step output, control history of the system
(switching operations, switching behavior, power-on-time)
Supported devices
BR6000-R12/S485 (version V5.0 onwards)
BR7000
Recording interval/recording time
1 sec./10 sec. switchable
Connections
System interface RS485 (RJ45-jack)
Degree of protection (VDE 0470)
IP20
Extend of delivery
Compact device, SD-card 1 GB, Software-CD, patch cable 0.5 m
Max. ambient operating temperature
–10 … +50 °C
Storage temperature
–20 … +75 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com