Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2D Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # US2D
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

US2D Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  US2D Datasheet HTML 1Page - Bruckewell Technology LTD US2D Datasheet HTML 2Page - Bruckewell Technology LTD US2D Datasheet HTML 3Page - Bruckewell Technology LTD US2D Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2A-M
SURFACE MOUNT ULTRAFAST
EFFICIENT RECTIFIER
Publication Order Number: [US2A-M]
© Bruckewell Technology Corporation Rev. A -2014
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Ampere
Features
• Plastic package has Underwriters Laboratory
• Flammability Classification 94V-0
• Glass passivated chip junctions
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power loss
• High temperature soldering guaranteed:
• 260°C/10 seconds on terminals
• RoHS compliant package
Mechanical Data
• Case: JEDEC DO-214AA molded plastic body
• Terminals: Solder plated, solderable per
MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Weight: 0.093 gram
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
US2A
US2B
US2D
US2G
US2J
US2K
US2M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
100
V
Maximum average forward rectified
current at TL=110°C
IF(AV)
2
A
Peak forward surge current 8.3ms single
half-sine-wave
IFSM
30
A


Similar Part No. - US2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2D SSE-US2D Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2D DIOTEC-US2D Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2D WEITRON-US2D Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2D DIOTEC-US2D Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2D SEMIKRON-US2D Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
US1A GE-US1A Datasheet
85Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES1A_J BWTECH-ES1A_J Datasheet
431Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com