Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP87C51FC Datasheet(PDF) 3 Page - Intel Corporation

Part # TP87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C51FC Datasheet(HTML) 3 Page - Intel Corporation

  TP87C51FC Datasheet HTML 1Page - Intel Corporation TP87C51FC Datasheet HTML 2Page - Intel Corporation TP87C51FC Datasheet HTML 3Page - Intel Corporation TP87C51FC Datasheet HTML 4Page - Intel Corporation TP87C51FC Datasheet HTML 5Page - Intel Corporation TP87C51FC Datasheet HTML 6Page - Intel Corporation TP87C51FC Datasheet HTML 7Page - Intel Corporation TP87C51FC Datasheet HTML 8Page - Intel Corporation TP87C51FC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
range of b40 Cto a85 C ambient For the automo-
tive temperature range option operational charac-
teristics are guaranteed over the temperature range
of b40 Cto a125 C ambient The automotive ex-
tended and commercial temperature versions of the
MCS-51 product families are available with or with-
out burn-in options
As shown in Figure 2 temperature burn-in and
package options are identified by a one- or two-letter
prefix to the part number
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
VSS1 Secondary ground (in PLCC only) Provided to
reduce ground bounce and improve power supply
by-passing
NOTE
This pin is NOT a substitute for VSS pin (pin 22)
Port 0
Port 0 is an 8-bit open drain bidirectional
IO port As an output port each pin can sink several
LS TTL inputs Port 0 pins that have 1’s written to
them float and in that state can be used as high-im-
pedance inputs
270961 – 2
Example
AN87C51FAFBFC indicates an automotive temperature range version of the 87C51FAFBFC in a PLCC package
with 16 Kbyte32 Kbyte EPROM program memory
Figure 2 Package Options
Table 1 Temperature Options
Temperature
Temperature
Operating
Burn-In
Classification
Designation
Temperature
Options
C Ambient
Extended
T
b
40 to a85
Standard
L
b
40 to a85
Extended
Automotive
A
b
40 to a125
Standard
B
b
40 to a125
Extended
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com