Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC002FLSA Datasheet(PDF) 2 Page - Intel Corporation

Part # IMC002FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC002FLSA Datasheet(HTML) 2 Page - Intel Corporation

  IMC002FLSA Datasheet HTML 1Page - Intel Corporation IMC002FLSA Datasheet HTML 2Page - Intel Corporation IMC002FLSA Datasheet HTML 3Page - Intel Corporation IMC002FLSA Datasheet HTML 4Page - Intel Corporation IMC002FLSA Datasheet HTML 5Page - Intel Corporation IMC002FLSA Datasheet HTML 6Page - Intel Corporation IMC002FLSA Datasheet HTML 7Page - Intel Corporation IMC002FLSA Datasheet HTML 8Page - Intel Corporation IMC002FLSA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
Table 1 Series 2 Flash Memory Card Pinout
Pin
Signal
IO
Function
Active
1
GND
Ground
2DQ3
IO
Data Bit 3
3DQ4
IO
Data Bit 4
4DQ5
IO
Data Bit 5
5DQ6
IO
Data Bit 6
6DQ7
IO
Data Bit 7
7CE1
I
Card Enable 1
LO
8A10
I
Address Bit 10
9OE
I
Output Enable
LO
10
A11
I
Address Bit 11
11
A9
I
Address Bit 9
12
A8
I
Address Bit 8
13
A13
I
Address Bit 13
14
A14
I
Address Bit 14
15
WE
I
Write Enable
LO
16
RDYBSY
Ready-Busy
HILO
17
VCC
Supply Voltage
18
VPP1
Supply Voltage
19
A16
I
Address Bit 16
20
A15
I
Address Bit 15
21
A12
I
Address Bit 12
22
A7
I
Address Bit 7
23
A6
I
Address Bit 6
24
A5
I
Address Bit 5
25
A4
I
Address Bit 4
26
A3
I
Address Bit 3
27
A2
I
Address Bit 2
28
A1
I
Address Bit 1
29
A0
I
Address Bit 0
30
DQ0
IO
Data Bit 0
31
DQ1
IO
Data Bit 1
32
DQ2
IO
Data Bit 2
33
WP
O
Write Protect
HI
34
GND
Ground
Pin
Signal
IO
Function
Active
35
GND
Ground
36
CD1
O
Card Detect 1
LO
37
DQ11
IO
Data Bit 11
38
DQ12
IO
Data Bit 12
39
DQ13
IO
Data Bit 13
40
DQ14
IO
Data Bit 14
41
DQ15
IO
Data Bit 15
42
CE2
I
Card Enable 2
LO
43
VS1
O
Voltage Sense 1
NC
44
RFU
Reserved
45
RFU
Reserved
46
A17
I
Address Bit 17
47
A18
I
Address Bit 18
48
A19
I
Address Bit 19
49
A20
I
Address Bit 20
50
A21
I
Address Bit 21
51
VCC
Supply Voltage
52
VPP2
Supply Voltage
53
A22
I
Address Bit 22
54
A23
I
Address Bit 23
55
A24
I
Address Bit 24
56
A25
No Connect
57
VS2
O
Voltage Sense 2
NC
58
RST
I
Reset
HI
59
WAIT
O
Extend Bus Cycle
LO
60
RFU
Reserved
61
REG
I
Register Select
LO
62
BVD2
O
Batt Volt Det 2
63
BVD1
O
Batt Volt Det 1
64
DQ8
IO
Data Bit 8
65
DQ9
IO
Data Bit 9
66
DQ10
IO
Data Bit 10
67
CD2
O
Card Detect 2
LO
68
GND
Ground
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com