Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC010FLSA Datasheet(PDF) 1 Page - Intel Corporation

Part # IMC010FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC010FLSA Datasheet(HTML) 1 Page - Intel Corporation

  IMC010FLSA Datasheet HTML 1Page - Intel Corporation IMC010FLSA Datasheet HTML 2Page - Intel Corporation IMC010FLSA Datasheet HTML 3Page - Intel Corporation IMC010FLSA Datasheet HTML 4Page - Intel Corporation IMC010FLSA Datasheet HTML 5Page - Intel Corporation IMC010FLSA Datasheet HTML 6Page - Intel Corporation IMC010FLSA Datasheet HTML 7Page - Intel Corporation IMC010FLSA Datasheet HTML 8Page - Intel Corporation IMC010FLSA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
December 1996
Order Number 290434-006
SERIES 2 FLASH MEMORY CARDS
iMC002FLSA iMC004FLSA iMC010FLSA iMC020FLSA
Extended Temperature Specifications Included
Y
2 4 10 and 20 Megabyte Capacities
Y
PCMCIA 21JEIDA 41 68-Pin Standard
Hardwired Card Information
Structure
Byte- or Word-Wide Selectable
Y
Component Management Registers for
Card StatusControl and Flexible
System Interface
Y
Automatic EraseWrite
Monitored with ReadyBusy Output
Y
Card Power-Down Modes
Deep-Sleep for Low Power
Applications
Y
Mechanical Write Protect Switch
Y
Solid-State Reliability
Y
Intel FlashFileTM Architecture
Y
High-Performance Read Access
150 ns Maximum
Y
High-Performance Random Writes
6 ms Typical Word Write
Y
Erase Suspend to Read Command
Keeps Erase as Background Task
Y
Nonvolatility (Zero Retention Power)
No Batteries Required for Back-up
Y
ETOXTM V 04m Flash Memory
Technology
5V Read 12V EraseWrite
High-Volume Manufacturing
Experience
Y
Extended Temperature Version
b
40 Cto a85 C
Intel’s Series 2 Flash Memory Card facilitates high-performance disk emulation in mobile PCs and dedicated
equipment Manufactured with Intel’s ETOXTM III 08m FlashFile Memory devices the Series 2 Card allows
code and data retention while erasing andor writing other blocks Additionally the Series 2 Flash Memory
Card features low power modes flexible system interfacing and a 150 ns read access time When coupled with
Intel’s low-power microprocessors these cards enable high-performance implementations of mobile comput-
ers and systems
Series 2 Cards conform to the Personal Computer Memory Card International Association (PCMCIA 21)Jap-
anese Electronics Industry Development Association (JEIDA 41) 68-pin standard providing electrical and
physical compatibility
Data file management software Flash Translation Layer (FTL) provides data file storage and memory man-
agement much like a disk operating system Intel’s Series 2 Flash Memory Cards coupled with flash file
management software effectively provide a removable all-silicon mass storage solution with higher perform-
ance and reliability than disk-based memory architectures
Designing with Intel’s FlashFile Architecture enables OEM system manufacturers to design and manufacture a
new generation of mobile PCs and dedicated equipment where high performance ruggedness long battery
life and lighter weight are a requirement For large user groups in workstation environments the Series 2
Cards provide a means to securely store user data and backup system configurationstatus information


Similar Part No. - IMC010FLSA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IMC01GR MACOM-IMC01GR Datasheet
2Mb / 28P
IM Series Signal Relays
IMC01TS MACOM-IMC01TS Datasheet
2Mb / 28P
IM Series Signal Relays
More results

Similar Description - IMC010FLSA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
2 Megabit CMOS Flash Memory
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
List of Unclassifed Man...
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
From the world leader in flash memory cards
logo
ON Semiconductor
LE25U20AMB ONSEMI-LE25U20AMB Datasheet
204Kb / 21P
Serial Flash Memory 2 Mb
February 2017 - Rev. 1
logo
Apacer Technology Inc.
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
R1 microSD memory cards
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
SD memory cards
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
SD memory cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com