Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSCD260
Description  Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSCD260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSCD260 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSCD260 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSCD260 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD260
Document Number: MSCD260
www.smsemi.com
Nov.12,2013
2
Performance Curves
Fig3. Power dissipation
Fig2. Transient thermal impedance
Fig5. Max Non-Repetitive Forward Surge Current
Fig1. Forward Characteristics
℃
/W
IF
A
V
Zth(j-C)
t
s
IF
A
W
Pvtot
Fig4. case temperatrue vs. forward current
dissipation
TC(MAX)
℃
IF
VF
A
Single phase half wave
Tj=25℃ start
Per one element
50HZ
KA
cycles



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com