Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFC110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSFC110
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSFC110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSFC110 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSFC110 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSFC110
Document Number: MSFC110
www.smsemi.com
Sep.06,2013
2
◆
Thyristor
Maximum Ratings
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.28
℃
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.20
℃
/W
Electrical Characteristics
Symbol
Item
Conditions
Values
Units
ITAV
Average On-State Current
Sine 180
o;Tc=85℃
110
A
ITSM
Surge On-State Current
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
2250
1900
A
i
2t
Circuit Fusing Consideration
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
25000
18000
A2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +130
℃
Tstg
Storage Temperature
-40 to +125
℃
Mt
Mounting Torque
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
di/dt
Critical Rate of Rise of On-State
Current
TVJ= TVJM , 2/3VDRM ,IG =500mA
Tr<0.5us,tp>6us
150
A/us
dv/dt
Critical Rate of Rise of Off-State
Voltage, min.
TJ=TVJM ,2/3VDRM linear voltage rise
1000
V/us
a
Maximum allowable acceleration
50
m/s
2
Symbol
Item
Conditions
Values
Units
Min. Typ.
Max.
VTM
Peak On-State Voltage, max.
T=25℃ IT =300A
1.72
V
IRRM/IDRM
Repetitive Peak Reverse Current,
max. / Repetitive Peak Off-State
Current, max.
TVJ=TVJM ,VR=VRRM ,VD=
VDRM
20
mA
VTO
On state threshold voltage
For power-loss
calculations only
(TVJ =125℃)
0.9
V
rT
Value of on-state
slope resistance. max
TVJ =TVJM
2
mΩ
VGT
Gate Trigger Voltage, max.
TVJ =25℃ , VD =6V
3
V
IGT
Gate Trigger Current, max.
TVJ =25℃ , VD =6V
150
mA
VGD
Non-triggering gate voltage, max.
TVJ=125℃,VD =2/3VDRM
0.25
V
IGD
Non-triggering gate current, max.
TVJ =125℃, VD =2/3VDRM
6
mA
IL
Latching current, max.
TVJ =25℃ , RG = 33 Ω
300
600
mA
IH
Holding current, max.
TVJ =25℃ , VD =6V
150
250
mA
tgd
Gate controlled delay time
TVJ=25℃,
IG=1A, diG/dt=1A/us
1
us
tq
Circuit commutated turn-off time
TVJ =TVJM
100
us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com