Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F010 Datasheet(PDF) 13 Page - Intel Corporation

Part # M28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F010 Datasheet(HTML) 13 Page - Intel Corporation

Back Button M28F010 Datasheet HTML 9Page - Intel Corporation M28F010 Datasheet HTML 10Page - Intel Corporation M28F010 Datasheet HTML 11Page - Intel Corporation M28F010 Datasheet HTML 12Page - Intel Corporation M28F010 Datasheet HTML 13Page - Intel Corporation M28F010 Datasheet HTML 14Page - Intel Corporation M28F010 Datasheet HTML 15Page - Intel Corporation M28F010 Datasheet HTML 16Page - Intel Corporation M28F010 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
M28F010
DC CHARACTERISTICSTTLNMOS COMPATIBLE
Symbol
Parameter
Limits
Unit
Comments
Min
Max
ILI
Input Leakage Current
g
10
m
AVCC e VCC Max
VIN e VCC or VSS
ILO
Output Leakage Current
g
10
m
AVCC e VCC Max
VOUT e VCC or VSS
ICCS
VCC Standby Current
10
mA
VCC e VCC Max
CE e VIH
ICC1
VCC Active Read Current
30
mA
VCC e VCC Max CE e VIL
f e 6 MHz IOUT e 0mA
ICC2
VCC Programming Current
30
mA
Programming in Progress
ICC3
VCC Erase Current
30
mA
Erasure in Progress
IPPS
VPP Leakage Current
g
10
m
AVPP e VPPL
IPP1
VPP Read Current
200
m
AVPP e VPPH Max
g
10
VPP e VPPL
IPP2
VPP Programming Current
30
mA
VPP e VPPH Max
Programming in Progress
IPP3
VPP Erase Current
30
mA
VPP e VPPH Max
Erasure in Progress
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 21 mA
VCC e VCC Min
VOH1
Output High Voltage
24
V
IOH eb25 mA
VCC e VCC Min
VID
A9 intelligent Identifer Voltage
1150
1300
V
IID
A9 intelligent Identifier Current
500
m
AA9 e VID
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com