Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240EB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT54FCT240EB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240EB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54FCT240EB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240EB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
3
PIN DESCRIPTION
FUNCTION TABLE
NOTE:
2606 tbl 04
1. OEB for 241 only.
NOTES:
2606 tbl 05
1. H = High Voltage Level
X = Don’t Care
L = Low Voltage Level
Z = High Impedance
2. OEB for 241 only.
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTES:
2606 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
Symbol
Parameter (1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
2606 tbl 02
1. This parameter is measured at characterization but not tested.
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
120
120
mA
Pin Names
Description
OEA, OEB
3–State Output Enable Inputs (Active LOW)
OEB(1)
3–State Output Enable Input (Active HIGH)
Dxx
Inputs
Oxx
Outputs
Inputs(1)
Outputs(1)
OE
OEA
OE
OEB OEB(2)
D
240
241
244
540
541
LLH
L
H
L
LH
L
LLH
H
L
H
H
L
H
HHL
X
Z
Z
Z
Z
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com