Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C288 Datasheet(PDF) 13 Page - Intel Corporation

Part # 82C288
Description  BUS CONTROLLER FOR M80286 PROCESSORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C288 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82C288 Datasheet HTML 9Page - Intel Corporation 82C288 Datasheet HTML 10Page - Intel Corporation 82C288 Datasheet HTML 11Page - Intel Corporation 82C288 Datasheet HTML 12Page - Intel Corporation 82C288 Datasheet HTML 13Page - Intel Corporation 82C288 Datasheet HTML 14Page - Intel Corporation 82C288 Datasheet HTML 15Page - Intel Corporation 82C288 Datasheet HTML 16Page - Intel Corporation 82C288 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M82C288
ABSOLUTE MAXIMUM RATINGS
Case Temperature
Under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin with
Respect to GND
b
05V to a7V
Power Dissipation
1 Watt
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Operating Conditions
Symbol
Description
Min
Max
Unis
TC
Case Temperature (Instant On)
b
55
a
125
C
VCC
Digital Supply Voltage
475
525
V
DC CHARACTERISTICS (Over Specified Operating Conditions)
Symbol
Parameter
Min
Max
Units
Comments
VIL
Input LOW Voltage
b
05
08
V
VIH
Input HIGH Voltage
20
VCC a 05
V
VILC
CLK Input LOW Voltage
b
05
06
V
VIHC
CLK Input HIGH Voltage
38
VCC a 05
V
VOL
Output LOW Voltage
Command Outputs
045
V
IOL e 32 mA (Note 1)
Control Outputs
045
V
IOL e 16 mA (Note 2)
VOH
Output HIGH Voltage
Command Outputs
24
V
IOH eb5 mA (Note 1)
VCC b 05
V
IOH eb1 mA (Note 1)
Control Outputs
24
V
IOH eb1 mA (Note 2)
VCC b 05
V
IOH eb02 mA (Note 2)
IIL
Input Leakage Current
g
10
m
A0V s VIN s VCC
ILO
Output Leakage Current
g
10
m
A
045V s VOUT s VCC
ICC
Power Supply Current
75
mA
ICCS
Power Supply Current (Static)
3
mA
(Note 3)
CCLK
CLK Input Capacitance
12
pF
FC e 1 MHz
CI
Input Capacitance
10
pF
FC e 1 MHz
CO
InputOutut Capacitance
20
pF
FC e 1 MHz
NOTES
1 Commands Outputs are INTA IORC IOWC MRDC and MWRC
2 Control Outputs are DTR DEN ALE and MCE
3 Tested while outputs are unloaded and inputs at VCC or VSS
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com