Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F008SA
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 13Page - Intel Corporation 28F008SA Datasheet HTML 14Page - Intel Corporation 28F008SA Datasheet HTML 15Page - Intel Corporation 28F008SA Datasheet HTML 16Page - Intel Corporation 28F008SA Datasheet HTML 17Page - Intel Corporation 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
VE28F008
DC CHARACTERISTICS (Continued)
Symbol
Parameter
Notes
Min
Max
Unit
Test Conditions
ICCW
VCC Byte Write Current
1
30
mA
Byte Write In Progress
ICCE
VCC Block Erase Current
1
30
mA
Block Erase In Progress
ICCES
VCC Erase Suspend Current
1 2
10
mA
Block Erase Suspended
CE e VIH
IPPS
VPP Standby Current
1
g
15
m
AVPP s VCC
200
m
AVPP l VCC
IPPD
VPP Deep Powerdown
1
20
m
ARP e GND g02V
Current
IPPW
VPP Write Current
1
30
mA
VPP e VPPH
Byte Write in Progress
IPPE
VPP Block Erase Current
1
30
mA
VPP e VPPH
Block Write in Progress
IPPES
VPP Erase Suspend
1
200
m
AVPP e VPPH
Current
Block Erase Suspended
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC a 05
V
VOL
Output Low Voltage
3
045
V
VCC e VCC Min
IOL e 58 mA
VOH
Output High Voltage
3
24
V
VCC e VCC Min
IOH eb25 mA
VPPL
VPP during Normal
4
00
65
V
Operations
VPPH
VPP during EraseWrite
114
126
V
Operations
VLKO
VCC EraseWrite Lock
18
V
Voltage
CAPACITANCE(5) TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Max
Unit
Conditions
CIN
Input Capacitance
6
8
pF
VIN e 0V
COUT
Output Capacitance
8
12
pF
VOUT e 0V
NOTES
1 All currents are in RMS unless otherwise noted
2 ICCES is specified with the device deselected If the VE28F008 is read while in Erase Suspend Mode current draw is the
sum of ICCES and ICCR
3 Includes RYBY
4 Block ErasesByte Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and VPPL
5 Sampled not 100% tested
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com