Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMBJ5913 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HSMBJ5913
Description  Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSMBJ5913 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HSMBJ5913 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMBJ5913 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMBJ5913 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HSMBJ5913 thru HSMBJ5936
Document Number: HSMBJ5913 thru HSMBJ5936
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
No suffix indicates a ±20% tolerance on nominal VZ. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C
denotes a ±2% tolerance, and D denotes a ±10% tolerance.
2.
Zener voltage (VZ) is measured at TL=30°C and 90seconds after application of dc current.
3.
The Zener impedance is derived from the 60HZ ac voltage, which results when an ac current modulation having an rms value
equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK.
JEDEC
Type
Number
Zener
Voltage
VZ @ IZT
Test
Current
Dynamic
Impedance
ZZT @ IZT
Knee
Impedance
ZZk @ IZk
Knee
Current
Maximum Reverse
Current
IR @ VR
MAX.
DC
current
VZ
(V)
IZT
(mA)
ZZT
(OHMS)
ZZK
(OHMS)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
HSMBJ5913
HSMBJ5914
HSMBJ5915
HSMBJ5916
3.3
3.6
3.9
4.3
113.6
104.2
96.1
87.2
10.0
9.0
7.5
6.0
500
500
500
500
1.00
1.00
1.00
1.00
100
75
25
5.0
1.0
1.0
1.0
1.0
908
832
768
696
HSMBJ5917
HSMBJ5918
HSMBJ5919
HSMBJ5920
4.7
5.1
5.6
6.2
79.8
73.5
66.9
60.5
5.0
4.0
2.0
2.0
500
350
250
200
1.00
1.00
1.00
1.00
5.0
5.0
5.0
5.0
1.5
2.0
3.0
4.0
638
588
534
482
HSMBJ5921
HSMBJ5922
HSMBJ5923
HSMBJ5924
6.8
7.5
8.2
9.1
55.1
50.0
45.7
41.2
2.5
3.0
3.5
4.0
200
400
400
500
1.00
0.50
0.50
0.50
5.0
5.0
5.0
5.0
5.2
6.0
6.5
7.0
440
400
364
328
HSMBJ5925
HSMBJ5926
HSMBJ5927
HSMBJ5928
10.0
11.0
12.0
13.0
37.5
34.1
31.2
28.8
4.5
5.5
6.5
7.0
500
550
550
550
0.25
0.25
0.25
0.25
5.0
1.0
1.0
1.0
8.0
8.4
9.1
9.9
300
272
250
230
HSMBJ5929
HSMBJ5930
HSMBJ5931
HSMBJ5932
15.0
16.0
18.0
20.0
25.0
23.4
20.8
18.7
9.0
10.0
12.0
14.0
600
600
650
650
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
11.4
12.2
13.7
15.2
200
183
166
150
HSMBJ5933
HSMBJ5934
HSMBJ5935
HSMBJ5936
22.0
24.0
27.0
30.0
17.0
15.6
13.9
12.5
17.5
19.0
23.0
28.0
650
700
700
750
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
16.7
18.2
20.6
22.8
136
124
110
100
打印无效



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com