Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMBJSAC8.5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HSMBJSAC8.5
Description  Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSMBJSAC8.5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HSMBJSAC8.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMBJSAC8.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMBJSAC8.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HSMBJSAC5.0 thru HSMBJSAC75
Document Number: HSMBJSAC5.0 thru HSMBJSAC75
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Reverse
Stand
Off
Voltage
(Note1)
Breakdown
Voltage
VBR @ IBR
1.0mA
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @
IPP=5.0A
(Note2)
Maximum
Capacitance
@ 0 Volts
pF
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
@ VWIB
Peak
Inverse
Blocking
Voltage
VWM(V)
VBR(V)
ID(µA)
IPP (A)
VC(V)
C (pF)
VWIB(V)
IIB(μA)
VPIB(V)
HSMBJSAC5.0
HSMBJSAC6.0
HSMBJSAC7.0
HSMBJSAC8.0
5.0
6.0
7.0
8.0
7.60
7.90
8.33
8.89
300
300
300
100
44.0
41.0
38.0
36.0
10.0
11.2
12.6
13.4
30
30
30
30
75
75
75
75
10
10
10
10
100
100
100
100
HSMBJSAC8.5
HSMBJSAC10
HSMBJSAC12
HSMBJSAC15
7.5
10.0
12.0
15.0
9.44
11.1
13.3
16.7
50
5.0
5.0
5.0
34.0
29.0
25.0
20.0
14.0
16.3
19.0
23.6
30
30
30
30
75
75
75
75
10
10
10
10
100
100
100
100
HSMBJSAC18
HSMBJSAC22
HSMBJSAC26
HSMBJSAC36
18.0
22.0
26.0
36.0
20.0
24.4
28.9
40.0
5.0
5.0
5.0
5.0
15.0
14.0
11.1
8.6
28.8
35.4
42.3
60.0
30
30
30
30
75
75
75
75
10
10
10
10
100
100
100
100
HSMBJSAC45
HSMBJSAC50
HSMBJSAC75
45.0
50.0
75.0
50.0
55.5
83.3
5.0
5.0
5.0
6.8
5.8
4.1
77.0
88.0
121.0
30
30
30
150
150
150
10
10
10
200
200
200
Note1: A transient voltage suppressor is normally selected according to voltage (VWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
Note2: Test in TVS avalanche direction. Do not pulse in “forward” direction. See section for “Schematic Applications” herein.
Characteristic Curve
Fig. 1 Peak Pulse Power vs. Pulse Time
Fig.2 Pulse Waveform for Exponential Surge
100
10
1.0
0.1
0.1
1.0
10
10
2
10
3
10
4
tw-Pulse Width (µs)
0
1.0
2.0
3.0
t-Time (ms)
tr=10µs
Peak Value IPP
Half Value IPP
2
10/1000µs Waveform
as defined by R.E.A.
150
100
50
0
Impulse
Exponential
Decay
1.0
0.5
IPP
IPP
tW
tW
tW=0.71p
tp
Half Sine
Square
Wave
Current Waveforms
tW
打印无效



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com