Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD60B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSCD60B
Description  Glass Passivated Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSCD60B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSCD60B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSCD60B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSCD60B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD60B
Document Number: MSCD60B
www.
Aug.20, 2010
2
smsemi.com
Performance Curves
100
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Zth(j-C)
0.001
0.01
0.1
1.0
10
S 100
1
10
cycles 100
1500
A
750
0
50HZ
0.6
℃/ W
0.3
0
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ID
50
A
100
W
50
Pvtot
0
0
Tc
50
100
℃ 150
100
A
50
ID
0
DC
sin.180
rec.120
DC
sin.180
rec.60
rec.30
rec.120
rec.60
rec.30
300
A
200
100
IF
0
typ.
max.
25℃
- - -125℃
0
VF
0.5
1.0
1.5
V 2.0
Fig5. Forward Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com