Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C196KC Datasheet(PDF) 21 Page - Intel Corporation

Part # S80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KC Datasheet(HTML) 21 Page - Intel Corporation

Back Button S80C196KC Datasheet HTML 17Page - Intel Corporation S80C196KC Datasheet HTML 18Page - Intel Corporation S80C196KC Datasheet HTML 19Page - Intel Corporation S80C196KC Datasheet HTML 20Page - Intel Corporation S80C196KC Datasheet HTML 21Page - Intel Corporation S80C196KC Datasheet HTML 22Page - Intel Corporation S80C196KC Datasheet HTML 23Page - Intel Corporation S80C196KC Datasheet HTML 24Page - Intel Corporation S80C196KC Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
8XC196KC8XC196KC20
EPROM SPECIFICATIONS
OPERATING CONDITIONS DURING PROGRAMMING
Symbol
Description
Min
Max
Units
TA
Ambient Temperature During Programming
20
30
C
VCC
Supply Voltage During Programming
45
55
V(1)
VREF
Reference Supply Voltage During Programming
45
55
V(1)
VPP
Programming Voltage
1225
1275
V(2)
VEA
EA Pin Voltage
1225
1275
V(2)
FOSC
Oscillator Frequency During Auto and Slave
60
80
MHz
Mode Programming
FOSC
Oscillator Frequency During
60
160
MHz
Run-Time Programming (8XC196KC)
FOSC
Oscillator Frequency During
60
200
MHz
Run-Time Programming (8XC196KC20)
NOTES
1 VCC and VREF should nominally be at the same voltage during programming
2 VPP and VEA must never exceed the maximum specification or the device may be damaged
3 VSS and ANGND should nominally be at the same potential (0V)
4 Load capacitance during Auto and Slave Mode programming e 150 pF
AC EPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
TSHLL
Reset High to First PALE Low
1100
TOSC
TLLLH
PALE Pulse Width
50
TOSC
TAVLL
Address Setup Time
0
TOSC
TLLAX
Address Hold Time
100
TOSC
TPLDV
PROG Low to Word Dump Valid
50
TOSC
TPHDX
Word Dump Data Hold
50
TOSC
TDVPL
Data Setup Time
0
TOSC
TPLDX
Data Hold Time
400
TOSC
TPLPH(1)
PROG Pulse Width
50
TOSC
TPHLL
PROG High to Next PALE Low
220
TOSC
TLHPL
PALE High to PROG Low
220
TOSC
TPHPL
PROG High to Next PROG Low
220
TOSC
TPHIL
PROG High to AINC Low
0
TOSC
TILIH
AINC Pulse Width
240
TOSC
TILVH
PVER Hold after AINC Low
50
TOSC
TILPL
AINC Low to PROG Low
170
TOSC
TPHVL
PROG High to PVER Valid
220
TOSC
NOTE
1 This specification is for the Word Dump Mode For programming pulses use the Modified Quick Pulse Algorithm See
user’s manual for further information
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com