Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD70S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSD70S
Description  Glass Passivated Three phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSD70S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSD70S Datasheet HTML 1Page - List of Unclassifed Manufacturers MSD70S Datasheet HTML 2Page - List of Unclassifed Manufacturers MSD70S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSD70S
Document Number: MSD70S
www.smsemi.com
Oct.13, 2014
1
Module Type
TYPE
VRRM
VRSM
MSD70S-08
MSD70S-12
MSD70S-16
MSD70S-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
ID
Three phase, full wave TS=80℃
70
A
IFSM
t=10mS Tvj =25℃
370
A
i
2t
t=10mS Tvj =25℃
685
A
2s
Visol
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
-40 to +150
℃
Tstg
-40 to +125
℃
Ms
To heatsink(M4)
2
Nm
Tsolder
Terminals,10s
260
℃
Weight
Module (Approximately)
21
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-s)
Per diode
1.62
℃/W
Module (Approximately)
0.27
℃/W
Electrical Characteristics
Circuit
Glass Passivated Three
Phase Rectifier Bridge
VRRM 800 to 1800V
ID
70 Amp
Features
Three phase bridge rectifier
Blocking voltage:800 to 1800V
Heat transfer and insulation through direct
copper bonded aluminum oxide ceramic(DBC)
Glass passivated chip
High surge currents
Applications
Three phase rectifiers for power supplies
Rectifiers for DC motor field supplies
Battery charger rectifiers
Input rectifiers for variable frequency drives
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VFM
T=25℃ IF =25A
-
-
1.25
V
IRD
Tvj=25℃ VRD=VRRM
Tvj=150℃ VRD=VRRM
-
-
0.3
4
mA
mA
MSD-S


Similar Part No. - MSD70S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
526Kb / 4P
Step Recovery Diode
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C11-W MA-COM-MSD700-C11-W Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C19-1-R MA-COM-MSD700-C19-1-R Datasheet
502Kb / 4P
Step Recovery Diode
MSD700-C19-1-W MA-COM-MSD700-C19-1-W Datasheet
502Kb / 4P
Step Recovery Diode
More results

Similar Description - MSD70S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD50S18M4 APTSEMI-MD50S18M4 Datasheet
80Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com