Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB80C196KC Datasheet(PDF) 16 Page - Intel Corporation

Part # SB80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SB80C196KC Datasheet(HTML) 16 Page - Intel Corporation

Back Button SB80C196KC Datasheet HTML 12Page - Intel Corporation SB80C196KC Datasheet HTML 13Page - Intel Corporation SB80C196KC Datasheet HTML 14Page - Intel Corporation SB80C196KC Datasheet HTML 15Page - Intel Corporation SB80C196KC Datasheet HTML 16Page - Intel Corporation SB80C196KC Datasheet HTML 17Page - Intel Corporation SB80C196KC Datasheet HTML 18Page - Intel Corporation SB80C196KC Datasheet HTML 19Page - Intel Corporation SB80C196KC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
8XC196KC8XC196KC20
270942 – 36
Maximum Hold Latency
Bus Cycle Type
Internal Execution
15 States
16-Bit External Execution
25 States
8-Bit External Execution
45 States
EXTERNAL CLOCK DRIVE (8XC196KC)
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
8
160
MHz
TXLXL
Oscillator Period
625
125
ns
TXHXX
High Time
20
ns
TXLXX
Low Time
20
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com