Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R113 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # R113
Description  BOARD TO BOARD SOLUTIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R113 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button R113 Datasheet HTML 9Page - List of Unclassifed Manufacturers R113 Datasheet HTML 10Page - List of Unclassifed Manufacturers R113 Datasheet HTML 11Page - List of Unclassifed Manufacturers R113 Datasheet HTML 12Page - List of Unclassifed Manufacturers R113 Datasheet HTML 13Page - List of Unclassifed Manufacturers R113 Datasheet HTML 14Page - List of Unclassifed Manufacturers R113 Datasheet HTML 15Page - List of Unclassifed Manufacturers R113 Datasheet HTML 16Page - List of Unclassifed Manufacturers R113 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.radiall.com
4-13
ASSEMBLY INSTRUCTIONS
Part number
R223 424 000
R223 424 800
R223 434 000
R223 434 800
M01
COPLANAR LINE
Pattern and signal are on the same side.
The material of PCB is epoxy resin (FR4) (Er = 4.6).
The solder resist should be printed except for the land pattern on the PCB.
APPLICATION 75Ω
WITH B = 0.55 mm
APPLICATION 50Ω
WITH B = 1.2 mm
PCB thickness (mm)
Coplanar line A (mm)
0.8
1.0
1.2
1.6
0.350
0.360
0.365
0.375
PCB thickness (mm)
Coplanar line A (mm)
0.8
1.0
1.2
1.6
0.190
0.200
0.205
0.210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com