Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS75-12 Datasheet(PDF) 2 Page - TDK Electronics

Part # SWS75-12
Description  Single Output General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS75-12 Datasheet(HTML) 2 Page - TDK Electronics

  SWS75-12 Datasheet HTML 1Page - TDK Electronics SWS75-12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
94
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B8: Sept. 2014
SWS Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/sws-series.htm
SWS50 Outline Drawing
SWS75 Outline Drawing
SWS100 Outline Drawing
SWS150 Outline Drawing
HWS
15W to 1500W Single Output
LS
25W to 200W Low Cost
SWS300/600/1000
300W to 1000W (Higher Power)
Derate to 80% load from 0 to -10°C
Other Industrial Products
Adjust
Max
Load
Line
Ripple Eff.
Model
Voltage
Range
Curr. Reg mV Reg mV Noise (typ)%
SWS50-3
3.3V
3-3.6V
10
40
20
80
73/70
SWS75-3
3.3V
3-3.6V
15
40
20
80
72/68
SWS100-3
3.3V
3-3.6V
20
40
20
100
69/70
SWS150-3
3.3V
3-3.6V
30
40
20
100
70/72
SWS50-5
5V
4.5-5.5V
10
50
20
80
77/75
SWS75-5
5V
4.5-5.5V
15
50
20
80
77/74
SWS100-5
5V
4.5-5.5V
20
40
20
100
75/77
SWS150-5
5V
4.5-5.5V
30
40
20
100
76/78
SWS50-12
12V
10.8-13.2V
4.3
96
48
80
82/79
SWS75-12
12V
10.8-13.2V
6.3
96
48
80
83/81
SWS100-12 12V
10.8-13.2V
8.5
96
48
100
79/81
SWS150-12 12V
10.8-13.2V
12.5
96
48
100
79/82
SWS50-15
15V
13.5-16.5V
3.5
120
60
100
84/80
SWS75-15
15V
13.5-16.5V
5
120
60
100
85/82
SWS100-15 15V
13.5-16.5V
6.7
120
60
100
81/83
SWS150-15 15V
13.5-16.5V
10
120
60
100
81/83
SWS150-18 18V
16.2-19.8V
8.4
144
72
120
82/84
SWS50-24
24V
21.6-26.4V
2.1
144
96
100
84/80
SWS75-24
24V
21.6-26.4V
3.2
144
96
100
85/82
SWS100-24 24V
21.6-26.4V
4.3
144
96
150
82/84
SWS150-24 24V
21.6-26.4V
6.3
144
96
150
82/85
Veritcal Mount
Convection
25°C 30°C 35°C 40°C 45°C 50°C 55°C 60°C
SWS50
100% 100% 100% 100% 100% 100% 93% 85%
SWS75 (3.3-5V)
100% 100% 100% 100% 93% 85% 73% 60%
SWS75 (12V-24V) 100% 100% 100% 100% 100% 93% 85% 60%
SWS100
100% 100% 100% 100% 100% 87% 73% 60%
SWS150 (3.3-5V)
100% 95%
90% 85%
73% 60%
-
-
SWS150 (12V-24V) 100% 100% 100% 100% 100% 100% 80% 60%
1.2m/s Forced Air
50°C
55°C
60°C
65°C
70°C
SWS75
100%
100%
90%
80%
70%
SWS100
100%
100%
90%
80%
70%
SWS150
100%
100%
90%
80%
70%
Suffix
Descriptor
/CO2
Double sided conformal coating
Model Selector
Options
Not Recomended For New Designs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com