Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7276ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7276ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7276ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7276ARMZ Datasheet HTML 9Page - Analog Devices AD7276ARMZ Datasheet HTML 10Page - Analog Devices AD7276ARMZ Datasheet HTML 11Page - Analog Devices AD7276ARMZ Datasheet HTML 12Page - Analog Devices AD7276ARMZ Datasheet HTML 13Page - Analog Devices AD7276ARMZ Datasheet HTML 14Page - Analog Devices AD7276ARMZ Datasheet HTML 15Page - Analog Devices AD7276ARMZ Datasheet HTML 16Page - Analog Devices AD7276ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 12 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
GND 2
VIN 3
CS
6
SCLK
4
SDATA
5
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 8. 6-Lead TSOT Pin Configuration
VDD 1
SDATA 2
CS 3
NC 4
VIN
8
GND
7
SCLK
6
NC
5
NC = NO CONNECT
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
6-Lead TSOT
8-Lead MSOP
Mnemonic
Description
1
1
VDD
Power Supply Input. The VDD range for the AD7276/AD7277/AD7278 is 2.35 V to 3.6 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the
AD7276/AD7277/AD7278. All analog input signals should be referred to this GND
voltage.
3
8
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the
part. This clock input is also used as the clock source for the conversion process of the
AD7276/AD7277/AD7278.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7276/AD7277/AD7278 is
provided on this output as a serial data stream. The bits are clocked out on the falling
edge of the SCLK input. The data stream from the AD7276 consists of two leading
zeros followed by 12 bits of conversion data and two trailing zeros, provided MSB first.
The data stream from the AD7277 consists of two leading zeros followed by 10 bits of
conversion data and four trailing zeros, provided MSB first. The data stream from the
AD7278 consists of two leading zeros followed by 8 bits of conversion data and six
trailing zeros, provided MSB first.
6
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating
conversion on the AD7276/AD7277/AD7278 and framing the serial data transfer.
4, 5
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com