Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7277ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7277ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7277ARMZ Datasheet HTML 18Page - Analog Devices AD7277ARMZ Datasheet HTML 19Page - Analog Devices AD7277ARMZ Datasheet HTML 20Page - Analog Devices AD7277ARMZ Datasheet HTML 21Page - Analog Devices AD7277ARMZ Datasheet HTML 22Page - Analog Devices AD7277ARMZ Datasheet HTML 23Page - Analog Devices AD7277ARMZ Datasheet HTML 24Page - Analog Devices AD7277ARMZ Datasheet HTML 25Page - Analog Devices AD7277ARMZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 21 of 28
POWER VS. THROUGHPUT RATE
Figure 29 shows the power consumption of the device in
normal mode, in which the part is never powered down. By
using the power-down mode of the AD7276/AD7277/AD7278
when not performing a conversion, the average power consump-
tion of the ADC decreases as the throughput rate decreases.
Figure 30 shows that as the throughput rate is reduced, the
device remains in its power-down state longer, and the average
power consumption over time drops accordingly. For example,
if the AD7276/AD7277/AD7278 are operated in continuous
sampling mode with a throughput rate of 200 kSPS and an SCLK
of 48 MHz (VDD = 3 V) and the devices are placed into power-
down mode between conversions, then the power consumption
is calculated as follows. The power dissipation during normal
operation is 12.6 mW (VDD = 3 V). If the power-up time is one
dummy cycle, that is, 333 ns, and the remaining conversion
time is 290 ns, then the AD7276/AD7277/AD7278 can be said
to dissipate 12.6 mW for 623 ns during each conversion cycle. If
the throughput rate is 200 kSPS, then the cycle time is 5 μs and
the average power dissipated during each cycle is 623/5,000 ×
12.6 mW = 1.56 mW. Figure 29 shows the power vs. throughput
rate when using the partial power-down mode between conver-
sions at 3 V. The power-down mode is intended for use with
throughput rates of less than 600 kSPS, because at higher
sampling rates, there is no power saving achieved by using the
power-down mode.
THROUGHPUT (kSPS)
0
3.0
7.4
2000
7.2
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
200
400
600
800 1000 1200 1400 1600 1800
VARIABLE
SCLK
50MHz SCLK
Figure 29. Power vs. Throughput Normal Mode
THROUGHPUT (kSPS)
0
0
8.0
1000
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
200
400
600
800
VDD =3V
Figure 30. Power vs. Throughput Partial Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com