Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDM200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSDM200
Description  Glass Passivated Three Phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSDM200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSDM200 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSDM200 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSDM200 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSDM200
Document Number: MSDM200
www.
Oct.29, 2010
2
smsemi.com
Performance Curves
Fig1. Forward Characteristics
Fig3. Transient thermal impedance
Fig2. Power dissipation
Fig4. Max Non-Repetitive Forward Surge
Current
0
VF
0.5
1.0
1.5
V 2.0
1
10
cycles 100
0
Tc
50
100
℃ 150
0.001
0.01
0.1
1.0
10
S 100
0
ID
100
A 200
50HZ
300
A
200
100
IF
0
25℃
- - -125℃
max.
typ.
3000
A
2250
1500
750
0
0.5
℃/ W
0.25
0
250
A
200
150
100
50
ID
0
Zth(j-C)
480
W
240
Pvtot
0
Fig5.Forward Current Derating Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com