Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDP50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSDP50
Description  Glass Passivated Three Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSDP50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSDP50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSDP50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSDP50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSDP50
Document Number: MSDP50
www.
Jan.28, 2011
1
smsemi.com
Features
High thermal conductivity
packge,electrically insulated case
Glass passivated chips
High IFSM
Epoxy compound has classification
UL94V-0
Glass Passivated Three
Phase Bridge Rectifiers
VRRM 800 to 1600V
IFAV
50Amp
Circuit
+
~
~
~
Applications
Big power supplier
Field supply for DC motor
Module Type
TYPE
VRRM
VRSM
MSDP50-08
MSDP50-12
MSDP50-16
800V
1200V
1600V
900V
1300V
1700V
Maximum Ratings
Symbol
Item
Conditions
Values
Units
IF(AV)
Average forward current
Tc=50℃
50
A
IFSM
Forward surge current, max.
t=10mS Tvj =45℃
500
A
i
2t
Value for fusing
1250
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
Operating Junction Temperature
-40 to +150
℃
Tstg
Storage Temperature
-40 to +150
℃
Weight
Approximate Weight
20
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.65
℃/W
Electrical Characteristics
Values
Symbol
Item
Conditions
Min.
Typ.
Max.
Units
VFM
Forward Voltage Drop, max.
T=25℃ IF=25A
1.00
1.20
V
5
µA
IRRM
Repetitive Peak Reverse Current, max.
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
3
mA


Similar Part No. - MSDP50

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSDPR-11-A-SG ADAM-TECH-MSDPR-11-A-SG Datasheet
124Kb / 1P
MINI & MICRO SECURE DIGITAL SOCKETS
MSDPR-11-C-SG ADAM-TECH-MSDPR-11-C-SG Datasheet
94Kb / 1P
MINI SD SOCKET
More results

Similar Description - MSDP50

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SBR25A CHENG-YI-SBR25A Datasheet
187Kb / 2P
SILICON / GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
3GBJ3508 ETC2-3GBJ3508 Datasheet
333Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT2506W ETC2-MT2506W Datasheet
177Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT3506 ETC2-MT3506 Datasheet
206Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT3506A ETC2-MT3506A Datasheet
217Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT3506W ETC2-MT3506W Datasheet
374Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT5006 ETC2-MT5006 Datasheet
180Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT5006A ETC2-MT5006A Datasheet
262Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
MT5006W ETC2-MT5006W Datasheet
399Kb / 3P
Glass Passivated Three Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com