Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKD36 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSKD36
Description  Glass Passivated Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSKD36 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSKD36 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSKD36 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSKD36 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD36
Document Number: MSCD36
www.
Aug.31, 2010
2
smsemi.com
Performance Curves
Fig5. Forward Characteristics
Fig3. Transient thermal impedance
Fig1. Power dissipation
Fig4. Max Non-Repetitive Forward Surge
Current
Fig2.Forward Current Derating Curve
Zth(j-C)
200
A
100
IF
0
0
VF
0.5
1.0
1.5
V 2.0
0 ID
30
A 60
0.001
0.01
0.1
1.0
10
S 100
1
10
cycles 100
1000
A
500
0
0
Tc
50
100
℃ 150
50HZ
1.5
℃/ W
1.0
0.5
0
60
A
60
30
ID
0
W
DC
sin.180
25℃
- - -125℃
DC
30
Pvtot
0
rec.120
sin.180
rec.60
rec.30
rec.120
rec.60
rec.30
typ.
max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com