Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C2001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C2001
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C2001 Datasheet HTML 1Page - STMicroelectronics M27C2001 Datasheet HTML 2Page - STMicroelectronics M27C2001 Datasheet HTML 3Page - STMicroelectronics M27C2001 Datasheet HTML 4Page - STMicroelectronics M27C2001 Datasheet HTML 5Page - STMicroelectronics M27C2001 Datasheet HTML 6Page - STMicroelectronics M27C2001 Datasheet HTML 7Page - STMicroelectronics M27C2001 Datasheet HTML 8Page - STMicroelectronics M27C2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2006
Rev 4
1/25
1
M27C2001
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Features
■
5V ± 10% supply voltage in Read operation
■
Access time: 55ns
■
Low power consumption:
– Active Current 30mA at 5MHz
– Standby Current 100µA
■
Programming voltage: 12.75V ± 0.25V
■
Programming time: 100µs/word
■
Electronic signature
– Manufacturer Code: 20h
– Device Code: 61h
■
Packages
– ECOPACK® packages available.
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (C)
TSOP32 (N)
8 x 20 mm
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M27C2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27C2001-10B1X STMICROELECTRONICS-M27C2001-10B1X Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
More results

Similar Description - M27C2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com