Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T63YA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T63YA
Description  1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T63YA Datasheet(HTML) 3 Page - Vishay Siliconix

  T63YA Datasheet HTML 1Page - Vishay Siliconix T63YA Datasheet HTML 2Page - Vishay Siliconix T63YA Datasheet HTML 3Page - Vishay Siliconix T63YA Datasheet HTML 4Page - Vishay Siliconix T63YA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T63
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
3
Document Number: 51024
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT
R
1-2/R1-2
OTHER
Electrical endurance
1000 h at rated power
90'/30' - ambient temperature 70 °C
± 1 %
± 2 %
Contact res. variation: < 1 % Rn
Climatic sequence
Phase A dry heat 125 °C - 30 % Pr
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
-
Damp heat, steady state
56 days
40 °C, 93 % RH
± 0.5 %
± 1 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
Rapid temperature change
5 cycles
- 55 °C to + 125 °C
± 0.5 %
-
V
1-2/V1-3  ± 1 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g
during 6 h
± 0.1 %
-
V
1-2/V1-3  ± 0.2 %
Mechanical endurance
200 cycles
± (2 % + 3
)
-
Contact res. variation: < 1 % Rn
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CURRENT
W
V
mA
ppm/°C
10
0.25
1.58
158
± 100
20
0.25
2.23
112
50
0.25
3.5
77
100
0.25
35
50
200
0.25
7.07
35
500
0.25
11.2
22
1K
0.25
15.8
15.8
2K
0.25
22.3
11.2
5K
0.25
35.3
7.1
10K
0.25
50
5
20K
0.25
70.7
3.5
25K
0.25
79
3.2
50K
0.25
112
2.2
100K
0.25
158
1.6
200K
0.25
224
1.1
250K
0.25
250
1.1
500K
0.13
250
0.5
1M
0.06
250
0.25
2.2M
0.03
250
0.125
MARKING
• Vishay trademark
•Model
•Style
•Ohmic value (in
, k, M)
• Tolerance (in %) only if non standard
• Manufacturing date
• Marking of terminal 3
PACKAGING
• In tube of 50 pieces code T20 (TU50)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com