Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST5250 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST5250
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST5250 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST5250 Datasheet HTML 1Page - Vishay Siliconix TCST5250 Datasheet HTML 2Page - Vishay Siliconix TCST5250 Datasheet HTML 3Page - Vishay Siliconix TCST5250 Datasheet HTML 4Page - Vishay Siliconix TCST5250 Datasheet HTML 5Page - Vishay Siliconix TCST5250 Datasheet HTML 6Page - Vishay Siliconix TCST5250 Datasheet HTML 7Page - Vishay Siliconix TCST5250 Datasheet HTML 8Page - Vishay Siliconix TCST5250 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 83787
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.5, 17-Aug-09
1
Transmissive Optical Sensor with Phototransistor Output
TCST5250
Vishay Semiconductors
DESCRIPTION
The TCST5250 is a transmissive sensor that includes an
infrared emitter and a phototransistor, located face-to-face
on the optical axes in a leaded package which blocks visible
light.
FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 14.3 x 6 x 9.5
• Gap (in mm): 2.7
• Aperture (in mm): 0.5
• Typical output current under test: IC = 1.5 mA
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Optical switch
• Shaft encoder
Note
(1) Conditions like in table basic characteristics/coupler
Note
(1) MOQ: minimum order quantity
19208_1
C
C
A
E
CE
21834
PRODUCT SUMMARY
PART NUMBER
GAP WIDTH
(mm)
APERTURE WIDTH
(mm)
TYPICAL OUTPUT
CURRENT UNDER TEST (1)
(mA)
DAYLIGHT
BLOCKING FILTER
INTEGRATED
TCST5250
2.7
0.5
1.5
Yes
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
TCST5250
Tube
MOQ: 4860 pcs, 30 pcs/tube
-
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
COUPLER
Total power dissipation
Tamb ≤ 25 °C
Ptot
250
mW
Ambient temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Distance to package 1.6 mm, t
≤ 5 s
Tsd
260
°C
INPUT (EMITTER)
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
100
mA


Similar Part No. - TCST5250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST5250 VISHAY-TCST5250 Datasheet
130Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST5250 VISHAY-TCST5250 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
More results

Similar Description - TCST5250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST1103 VISHAY-TCST1103_V01 Datasheet
246Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
24-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com