Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA749313TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 9Page - STMicroelectronics TDA749313TR Datasheet HTML 10Page - STMicroelectronics TDA749313TR Datasheet HTML 11Page - STMicroelectronics TDA749313TR Datasheet HTML 12Page - STMicroelectronics TDA749313TR Datasheet HTML 13Page - STMicroelectronics TDA749313TR Datasheet HTML 14Page - STMicroelectronics TDA749313TR Datasheet HTML 15Page - STMicroelectronics TDA749313TR Datasheet HTML 16Page - STMicroelectronics TDA749313TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
13/30
5.4
Filterless modulation
The modulation scheme of BTL is called unipolar PWM output. The differential output
voltage changes between zero and +VCC or between zero and -VCC, as opposed to the
traditional bipolar PWM output between +VCC and -VCC. The other advantage of this
scheme effectively doubles the switching frequency of the differential output waveform.
Signals on OUTP and OUTN are in the same phase when the input is zero, thus the current
is greatly reduced and the loss in the load is small. A tiny delay between OUTP and OUTN is
introduced to avoid high transient currents which could occur if both outputs switch
simultaneously.
TDA7493 can be used without a filter between the PWM output and the speaker since the
switching frequency of the output is beyond the audible range. The audio signal can be
recovered by the inherent inductance of the speaker and natural filter of the human ear.
Figure 6.
Unipolar PWM output
The filterless configuration is usable in applications where the speaker connections to the
amplifier are shorter than 50 cm. In comparison to the low-pass Butterworth filter
configuration, the filterless configuration gives rise to higher EMI. This can be reduced, if
necessary, by inserting a ferrite bead filters close to the device.
Use a ferrite which exhibits high impedance at around 1 MHz and negligible impedance in
the audio band.
It is recommended to use an EMI filter if the speaker cable is longer than 50 cm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com