Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS86DMSR Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACS86DMSR
Description  Radiation Hardened Quad 2-Input Exclusive OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS86DMSR Datasheet(HTML) 3 Page - Intersil Corporation

  ACS86DMSR Datasheet HTML 1Page - Intersil Corporation ACS86DMSR Datasheet HTML 2Page - Intersil Corporation ACS86DMSR Datasheet HTML 3Page - Intersil Corporation ACS86DMSR Datasheet HTML 4Page - Intersil Corporation ACS86DMSR Datasheet HTML 5Page - Intersil Corporation ACS86DMSR Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Specifications ACS86MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9
+25oC
2
12
ns
TPLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
10, 11
+125oC, -55oC
2
13
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
TBD
-pF
1
+125oC-
TBD
-pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1
+25oC-
-
10
pF
1
+125oC-
-
10
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly test-
ed. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
100
µA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V, VIL = 0
+25oC
-8.0
-
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0
+25oC
8.0
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = -50
µA
+25oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
µA
+25oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOL = 50
µA
+25oC
-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOL = 50
µA
+25oC
-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±1
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, (Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
13
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
(NOTE 1)
DELTA LIMIT
UNITS
Supply Current
ICC
±1.0
µA
Output Current
IOL/IOH
±15
%
NOTE:
1. All delta calculations are referenced to 0 hour readings or pre-life readings.
Spec Number
518849



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com