Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS08D Datasheet(PDF) 2 Page - Intersil Corporation

Part # ACTS08D
Description  Radiation Hardened Quad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS08D Datasheet(HTML) 2 Page - Intersil Corporation

  ACTS08D Datasheet HTML 1Page - Intersil Corporation ACTS08D Datasheet HTML 2Page - Intersil Corporation ACTS08D Datasheet HTML 3Page - Intersil Corporation ACTS08D Datasheet HTML 4Page - Intersil Corporation ACTS08D Datasheet HTML 5Page - Intersil Corporation ACTS08D Datasheet HTML 6Page - Intersil Corporation ACTS08D Datasheet HTML 7Page - Intersil Corporation ACTS08D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Specifications ACTS08MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±50mA
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
(All voltages reference to VSS)
Thermal Impedance
θ
JA
θ
JC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
74oC/W
24oC/W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . .
116oC/W
30oC/W
Maximum Package Power Dissipation at +125oC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4W
Maximum Device Power Dissipation . . . . . . . . . . . . . . . . . . .(TBD)W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Gates
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . 10ns/ V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
5
µA
2, 3
+125oC, -55oC
-
100
µA
Delta ICC
DICC
VCC = 5.5V
VIN = VCC or GND
1 Input = 3.4V
1, 2, 3
+25oC, +125oC, -55oC
-
1.6
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V (Note 2)
1
+25oC
-12
-
mA
2, 3
+125oC, -55oC-8
-
mA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V,
VIL = 0V (Note 2)
1
+25oC12
-
mA
2, 3
+125oC, -55oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.80V
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.80V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.80V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Input Leakage
Current
IIN
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±1.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTE:
1. All voltages reference to device GND.
2. Force/measure functions may be interchanged.
3. Per functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
Spec Number
518851



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com