Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921DB1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9921DB1
Description  Universal Off-line LED Driver Demoboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921DB1 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9921DB1 Datasheet HTML 1Page - Supertex, Inc HV9921DB1 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
2
HV9921DB1
Doc.# DSDB-HV9921DB1
A032913
Schematic Diagram
Testing the HV9921DB1
Connect the LED string to the output terminals.
Check the polarity of the LED connection, anode end of the
string should be connected to the positive output, cathode
should be connected to the negative output. Connect the
AC input to the input terminals. Apply the AC voltage at
the input terminals and the LED string should start to glow.
The HV9921DB1 will regulate constant 20mA current in the
LED.
An ammeter can be connected in series with the LED(s) to
measure the output current. The average current reading
may be smaller than 20mA. This is due to the interruptions
in the LED current when the input AC line voltage falls below
the forward voltage of the LED string. The average current
will also vary over the AC line voltage range. Additional
hold-up capacitance can be included across C
IN, if these
interruptions are not desirable.
C
IN
AC Line
85-265V
C
DD
3
HV9921
D1
L1
LED
1 - LED12
D2
U1
D3
D4
D5
C
IN2
L
IN
VRD1
F1
C
O
VDD
DRAIN
GND
1
2
Reference Description
Part Number
Manufacturer
C
IN
0.1µF, 400V, metalized polyester film
ECQ-E4104KF
Panasonic
C
IN2
0.033µF, 400V, metalized polyester film
ECQ-E4333KF
Panasonic
C
O
0.01µF, 100V, X7R, MLCC
B37981M1103K054
Epcos
C
DD
0.1µF, 50V, X7R, MLCC
B37987F5104K054
Epcos
L1
68mH, 36mA, mini-drum
RL-5480-3-68000
Renco Electronics
L
IN
2.2mH, 64mA, axial
CTH6-222K
Central Technologies
D1
Diode, UF 600V 1.0A 75ns
MUR160
On Semiconductor
D2-5
Diode, 600V 1.0A
1N4005
Diodes, Inc
VRD1
Surge absorber
ERZ-V05D431
Panasonic
U1
LED Driver IC
HV9921N3-G
Supertex, Inc
F1
Integrated PCB fuse
N/A
N/A
Bill of Materials



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com