Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7470 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7470
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7470 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7470_15 Datasheet HTML 9Page - Analog Devices AD7470_15 Datasheet HTML 10Page - Analog Devices AD7470_15 Datasheet HTML 11Page - Analog Devices AD7470_15 Datasheet HTML 12Page - Analog Devices AD7470_15 Datasheet HTML 13Page - Analog Devices AD7470_15 Datasheet HTML 14Page - Analog Devices AD7470_15 Datasheet HTML 15Page - Analog Devices AD7470_15 Datasheet HTML 16Page - Analog Devices AD7470_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
REV. B
AD7470/AD7472
–12–
PARALLEL INTERFACE
The parallel interfaces of the AD7470 and AD7472 are 10 bits
and 12 bits wide, respectively. The output data buffers are acti-
vated when both
CS and RD are logic low. At this point, the con-
tents of the data register are placed onto the data bus. Figure 10
shows the timing diagram for the parallel port.
Figure 11 shows the timing diagram for the parallel port when
CS and RD are tied permanently low. In this setup, once BUSY
line goes from high to low, the conversion process is completed.
The data is available on the output bus slightly before the falling
edge of BUSY.
It is important to point out that data bus cannot change state
while the ADC is doing a conversion as this would have a detri-
mental effect on the conversion in progress. The data out lines
will go three-state again when either the
RD or the CS line goes
high. Thus the
CS can be tied low permanently, leaving the RD
line to control conversion result access. Refer to VDRIVE section
for output voltage levels.
t2
tCONVERT
t3
t4
t8
t5
t6
t7
t9
t10
BUSY
CS
RD
DBx
CONVST*
*
CONVST SHOULD GO HIGH WHEN THE CLK IS HIGH OR BEFORE THE FIRST CLK CYCLE.
Figure 10. Parallel Port Timing
t2
tCONVERT
t9
CONVST*
BUSY
DBx
DATA N
DATA N + 1
*
CONVST SHOULD GO HIGH WHEN THE CLK IS HIGH OR BEFORE THE FIRST CLK CYCLE.
Figure 11. Parallel Port Timing with
CS and RD Tied Low
t2
t3
t4
t8
t6
t7
CLK IN
CONVST
BUSY
CS
RD
DBX
tWAKEUP
t5
tCONVERT
Figure 12. Wake-Up Timing Diagram (Burst Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com