Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFO2175-873 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IFO2175-873
Description  Supports optional wall mount, VESA arm and desktop stand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-873 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IFO2175-873 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-873 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
491
* All specifications and photos are subject to change without notice.
IFO2175-873
Features
17" TFT Fanless Super Slim Touch
Panel Computer with Intel® Core™
i7/i5/i3 & Celeron® Processor
17” (350 nits) SXGA TFT LCD
Socket rPGA988B 3rd Generation Intel® Core™ i7/i5/i3
(Ivy Bridge) & Celeron® processor
Intel® QM77 chipset
USB 3.0 supported
Water/dust-proof design (front bezel: IP65, full enclosure:
IPX1)
Optional 1 x PCI or PCIe x4 expansion slot
Optional Bluetooth/Wi-Fi (802.11 b/g/n)
Built-in 5 mega pixels camera
Supports optional wall mount, VESA arm and desktop stand
Introduction
Specifications
The IFO2175-873 is a slim panel computer equipped with a 17-inch 350 nits high
brightness SXGA LCD display that supports an 3rd Generation Intel® Core™ i7/ i5/ i3 and
Celeron® processors up to 35W with Intel® QM77 chipset. The Intel® HD Graphics
engine with DX11 support is built into the chipset to provide fast graphics performance.
The panel also supports DualView and multiple I/O options including 4 USB and
1 RS-232/422/485 ports. The built-in 5 mega pixels camera and microphone/speakers
can provide a solution for VoIP and remote monitoring. The IFO2175-873 also supports an
antenna for wireless (802.11 b/g/n) connection. Its dual Gigabit Ethernet ports provide
high speed Ethernet as well as a high reliable redundancy host connection. This robust
unit is designed to be work under minimal noise levels, low power consumption, high
reliability and while maintaining efficient performance. Its excellent industrial design (ID)
and user friendly interface design make it an ideal solution best suited for infotainment,
advertising messaging, and other digital signage applications.
Water/dust-proof design for entire system: IPX1
The IPX1-rated water/dust-proof housing protects the entire system from outside damage
caused by water drip damage while installed at public or enclosed environments. Its
unique design improves system stability while saving time and money on maintenance
costs and re-installation time.
Front Bezel
Plastic ABS
LCD Panel
Display Type
17” SXGA TFT LCD
Brightness (cd/m
2)
350 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 178°/178°
Main System
CPU
Socket rPGA988B 3rd Generation
Intel® Core™ i7/i5/i3 & Celeron®
processor, TDP up to 35W
Chipset
Intel
® QM77
System Memory
2 x 204-pin DDR3 SO-DIMM max.
up to 16 GB
BIOS
AMI UEFI BIOS with OA 3.0 built
Storage
1 x 2.5" SATA HDD
1 x mSATA
Optical Drive
1 x Super Multi drive (optional)
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Intel® HD Graphic
Fanless
Low Power
DualView
IP65
IPX1
DDR3
DDR3
DDR3
7. COM 1
(RS-232/422/485)
8. Gigabit LAN x 2
9. USB 2.0 x 2
10. USB 3.0 x 2
11. Audio (Line-out/Mic-in)
12. DisplayPort
1. Brightness Adjust buttons
2. Volume adjust buttons
3. Power LED
4. MIC
5. Power on/off button
6. Speaker (R)
13. Power connector
14. Power switch
15. PCI or PCIe slot
16. Speaker (L)
1
3
5
2
4
Camera
8 9
12
14
15
13
10
7
11
6
16


Similar Part No. - IFO2175-873

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-873-NP-DRW AXIOMTEK-IFO2175-873-NP-DRW Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_17 Datasheet
640Kb / 2P
17 SXGA TFT Fanless Super Slim Touch Panel Computer with 3rd Generation Intel
More results

Similar Description - IFO2175-873

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5100T-834 AXIOMTEK-GOT5100T-834 Datasheet
564Kb / 2P
Supports panel mount, wall mount, VESA arm, desktop stand (optional)
GOT5120T-834 AXIOMTEK-GOT5120T-834 Datasheet
471Kb / 2P
Supports panel mount, wall mount, VESA arm, desktop stand (optional)
GOT5152T-834 AXIOMTEK-GOT5152T-834 Datasheet
766Kb / 2P
Supports panel mount and optional wall mount/VESA arm mount/desktop stand (optional)
P6171 AXIOMTEK-P6171 Datasheet
242Kb / 2P
Supports panel mount, wall mount, rack mount and VESA arm
GOT3157W-834-PCT AXIOMTEK-GOT3157W-834-PCT_16 Datasheet
498Kb / 2P
Supports panel mount and optional VESA arm/desktop stand/wall mount
GOT3177T-834 AXIOMTEK-GOT3177T-834_16 Datasheet
481Kb / 2P
Supports panel mount and optional VESA arm/desktop stand wall mount
GOT3187W-832-PCT AXIOMTEK-GOT3187W-832-PCT Datasheet
530Kb / 2P
Supports panel mount and optional VESA arm/desktop stand/ wall mount
GOT5153W-834 AXIOMTEK-GOT5153W-834_16 Datasheet
461Kb / 2P
Supports optional VESA arm/desktop stand/wall mount
IFO2225-873 AXIOMTEK-IFO2225-873 Datasheet
505Kb / 2P
Supports optional Wall mount, VESA arm and desktop stand
P6192 AXIOMTEK-P6192_16 Datasheet
359Kb / 2P
Supports panel mount, wall mount, rack mount and VESA arm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com