Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4100R Datasheet(PDF) 1 Page - Fox Electronics

Part # F4100R
Description  3.3V, HCMOS , SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4100R Datasheet(HTML) 1 Page - Fox Electronics

  F4100R Datasheet HTML 1Page - Fox Electronics F4100R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Fox Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989
An Integrated Device Technology, Inc. company | ISO9001:2008 Certified | www.foxonline.com
©2014 FOX ELECTRONICS
Fox Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989
An Integrated Device Technology, Inc. company | ISO9001:2008 Certified | www.foxonline.com
©2014 FOX ELECTRONICS
OUTPUT(Pin3)
ACTIVE
ACTIVE
HighZ
• EnablE / DisablE Function 2
INH(Pin1)
OPEN2
'1'LevelVih≥ 70%Vdd
'0'LevelVil≤ 30%Vdd
1
Inclusiveof25ºCtolerance,operatingtemperaturerange,inputvoltagechange,loadchange,aging,
shock,andvibration.*ExcludesShock/Vibration
2
Aninternalpullupresistorfrompin1topin4allowsactiveoutputifpin1isleftopen.
Note:A0.01µFbypasscapacitorshouldbeplacedbetweenVDD(Pin4)andGND(Pin2)to
minimizepowersupplylinenoise.Drawingisforreferencetocriticalspecificationsdefinedby
sizemeasurements.
Certainnon-criticalvisualattributes,suchassidecastellations,referencepinshape,etc.mayvary.
Allspecificationssubjecttochangewithoutnotice.
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
±20PPM*
Operating
Temperature (ºC)
-10~+70
-40~+85
-10~+70
-40~+85
-10~+70
-40~+85
-10~+70
Frequency
Range (MHz)
0.012~170.000
0.012~170.000
0.012~170.000
0.012~170.000
0.012~165.000
0.012~156.520
0.012~162.000
F4100
F4100R
F4105
F4105R
F4106
F4106R
F4108
Model
Number
0.012~170.000MHz
-55ºC~+125ºC
3.3V±10%
3mA
6mA
15mA
20mA
25mA
40mA
45%~55%
40%~60%
6nS
4nS
3nS
6nS
4nS
3nS
10%Vdd
90%VddMin
2mAMin
-2mAMin
15pF
10µA
5mS
10mS
150nS
5mS
10mS
0.3pSTyp.
2.5pSTyp.
20pSTyp.
PARAMETERS
FrequencyRange (Fo)
StorageTemperatureRange (Tstg)
SupplyVoltage
(Vdd)
InputCurrent
(Idd)
0.012~0.040MHz
0.040+~1.500MHz
1.500+~32.000MHz
32.000+~50.000MHz
50.000+~67.000MHz
67.000+~170.000MHz
OutputSymmetry(50%Vdd)
0.012~50.000MHz
50.000+~170.000MHz
RiseTime(10%~90%Vdd)(Tr)
0.012~80.000MHz
80.000+~125.000MHz
125.000+~170.000MHz
FallTime(90%~10%Vdd)(Tf)
0.012~80.000MHz
80.000+~125.000MHz
125.000+~170.000MHz
OutputVoltage
(Vol)
(Voh)
OutputCurrent
(Iol)
(Ioh)
OutputLoad
(HCMOS)
StandbyCurrent
Start-upTime
(Ts)
0.012~32.000MHz
32.000+~170.000MHz
OutputDisableTime2
OutputEnableTime2
0.012~32.000MHz
32.000+~170.000MHz
Jitter(FO100MHz)
12kHz~20MHz
RMSPeriod
Cycle-to-Cycle
• ElEctRical cHaRactERistics
MAX (unlessotherwisenoted)
Part Number
116-Frequency-xxxxx
117-Frequency-xxxxx
124-Frequency-xxxxx
125-Frequency-xxxxx
126-Frequency-xxxxx
127-Frequency-xxxxx
128-Frequency-xxxxx
• PaRt nuMbER sElEction
3.3V, HcMos, sMD oscillator
Rev. 1/16/2014
RoHs compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4100 sERiEs
Page 1 of 2
XpressO® Equivalent
FXO-HC73
Why XpressO?
Lower Cost, Faster Delivery, Low Jitter!
5.2 Max
1.5 Max
7.5 Max
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
5.08±0.1
2.6±0.2
Pin Connections
#1 E/D #3 output
#2 GnD #4 V
2.0±0.1
5.08±0.1
4.2±0.1
DD
1.4±0.2
1.8±0.1
Top
View
Bottom
View
Dot denotes
pin 1
All dimensions are in millimeters


Similar Part No. - F4100R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100R FOX-F4100R Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
More results

Similar Description - F4100R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F537F539 FOX-F537F539 Datasheet
196Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com