Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM22DSEF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FSM22DSEF
Description  .156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FSM22DSEF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FSM22DSEF Datasheet HTML 1Page - List of Unclassifed Manufacturers FSM22DSEF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Female Card Edge
POSITIONS/
CONTACTS
INCHES
MILLIMETERS
A±.008 B±.008 C±.015 D±.010 E MAX F+.005/-.015 A±0.20 B±0.20 C±0.38 D±0.25 E MAX F+0.13/-0.38
02/04
0.156
0.476
0.596
‘N’ MOUNTING
0.325
3.96
12.09
15.14
‘N’ MOUNTING
8.26
03/06
0.312
0.632
0.752
‘N’ MOUNTING
7.92
16.05
19.10
‘N’ MOUNTING
04/08*
0.468
0.788
0.908
‘N’ MOUNTING
11.89
20.02
23.06
‘N’ MOUNTING
06/12
0.780
1.100
1.220
1.533
1.902
19.81
27.94
30.99
38.94
48.31
07/14
0.936
1.256
1.376
1.689
2.058
23.77
31.90
34.95
42.90
52.27
08/16
1.092
1.412
1.532
1.845
2.214
27.74
35.86
38.91
46.86
56.24
10/20
1.404
1.724
1.844
2.157
2.526
35.66
43.79
46.84
54.79
64.16
11/22
1.560
1.880
2.000
2.313
2.682
39.62
47.75
50.80
58.75
68.12
12/24
1.716
2.036
2.156
2.469
2.838
43.59
51.71
54.76
62.71
72.09
15/30
2.184
2.504
2.624
2.937
3.306
55.47
63.60
66.65
74.60
83.97
18/36
2.652
2.972
3.092
3.405
3.774
67.36
75.49
78.54
86.49
95.86
22/44
3.276
3.596
3.716
4.029
4.398
83.21
91.34
94.39
102.34
111.71
24/48
3.588
3.908
4.028
4.341
4.710
91.14
99.26
102.31
110.26
119.63
25/50
3.744
4.064
4.184
4.497
4.866
95.10
103.23 106.27
114.22
123.60
28/56
4.212
4.532
4.652
4.965
5.334
0.438
106.98
115.11 118.16
126.11
135.48
11.13
36/72
5.460
5.780
5.900
6.213
6.582
138.68
146.81 149.86
157.81
167.18
43/86
6.552
6.872
6.992
7.305
7.674
0.500
166.42
174.55 177.60
185.55
194.92
12.70
44/88
6.708
7.028
7.148
7.461
7.830
170.38
178.51 181.56
189.51
198.88
.156” [3.96 mm] Contact Centers, .431” [10.95 mm] Insulator Height,
Dip Solder/Eyelet/Right Angle
MATERIALS (INSULATOR/CONTACT)
CONTACT CENTERS
M = .156” [3.96 mm]
NUMBER OF CONTACT POSITIONS
READOUT (Opposite Page)
D = Dual
D = Dual Row/ Crimp to Center for
Single Readout (SX, SU Termination Only)
H = Half Loaded
MOUNTING STYLE (Opposite Page)
H = .125” [3.18 mm] Clearance Holes
N = No Mounting
S = Side Mounting
I = Threaded Insert
F = Floating Bobbin
TERMINATION TYPE (Opposite Page)
RA = .125” [3.18 mm] Right Angle Dip Solder
SA = Long Right Angle Dip Solder
RT = .140” X .137” [3.56 mm X 3.48 mm] Dip Solder
RK = .140” X .225” [3.56 mm X 5.72 mm] Dip Solder
RY = .140” X .425” [3.56 mm X 10.80 mm] Dip Solder
RX = .200” X .137” [5.08 mm X 3.48 mm] Dip Solder
RF = .200” X .200” [5.08 mm X 5.08 mm] Dip Solder
RU = .200” X .225” [5.08 mm X 5.72 mm] Dip Solder
RP = .200” X .408” [5.08 mm X 10.36 mm] Dip Solder
SX = .110” [2.79 mm] Centered Dip Solder
SU = .210” [5.33 mm] Centered Dip Solder
SE = .007” [0.18 mm] Thick Eyelet
RE = .014” [0.36 mm] Thick Eyelet
MODIFICATION CODE (Consult Factory)
OMIT FOR STANDARD
-S13 = Card Extender Accepts .062” [1.57 mm] PCB
(RT, RK, RY, SE Terminations Only)
See Chart Below
E B M 43 D RK H - Sxxx
Contact Surface
Termination
B = .000010” Gold
.000100” Pure Tin, Matte
C = .000030” Gold
.000100” Pure Tin, Matte
G = .000010” Gold
.000005” Gold
Y = .000030” Gold
.000005” Gold
Contact Surface
Overall Plating
S = .000010” Gold
.000010” Gold
M = .000030” Gold
.000010” Gold
E = .000100” Pure Tin, Matte
.000100” Pure Tin, Matte
CONTACT FINISH - RoHS Compliant
All platings are Lead Free and have .000050” Nickel underplate
Tolerances on non-critical dimensions may very slightly due to shrinkage differential per insulator material; Consult factory.
E = PBT/Phosphor Bronze (Standard)
R = PPS/Phosphor Bronze
G = PA9T/Phosphor Bronze
H = PBT/Beryllium Copper
A = PPS/Beryllium Copper
J = PA9T/Beryllium Copper
*F = PPS/Spinodal (Overall Gold Plating Only)
Consult Factory for Special Soldering Guidelines
*C = PPS/Beryllium Nickel (Overall Gold Plating Only)
*W = PEEK/Beryllium Nickel (Overall Gold Plating Only)
*Consult factory for availability.
Refer to Page 7 for Operating/Processing Temperatures
PART NUMBER OPTIONS
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
REFER TO
MOUNTING
STYLE
1
2
3
41
42
43
_
_
_
A
B
C
W
X
Y
F
A
B
C
D
E
.156 [3.96] TYP.
.025
[0.64]
REFER TO
MOUNTING
STYLE
.431 [10.95]
.245 [6.22]
.265[6.73]INSERTIONDEPTH
F
CONTACT MARKINGS
(LETTERS G, I, O & Q NOT USED)
SIZE 02 THRU 25
1 2 3 . . . 23 24 . . .
A B C . . . AA BB . . .
SIZES 28 THRU 44
1 2 3 . . . 23 24 . . .
A B C . . . A B . . .
* Consult factory for availability.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com