Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6520 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6520
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6520 Datasheet HTML 9Page - STMicroelectronics L6520 Datasheet HTML 10Page - STMicroelectronics L6520 Datasheet HTML 11Page - STMicroelectronics L6520 Datasheet HTML 12Page - STMicroelectronics L6520 Datasheet HTML 13Page - STMicroelectronics L6520 Datasheet HTML 14Page - STMicroelectronics L6520 Datasheet HTML 15Page - STMicroelectronics L6520 Datasheet HTML 16Page - STMicroelectronics L6520 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
L6520, L6521
Functions description
Doc ID 16998 Rev 3
13/19
5.8
Summary of protections
Figure 3.
Summary of protections
Table 7.
Table of faults
Fault
Active during
Condition
Ic behaviour
Required
action
PH Ign Run
Minimum
driving pulse
duration
Driving pulses shorter than 1
µs
- The drivers are stopped after
200 ms of minimum pulse
duration events
- The IC is shut down in low
consumption mode
VCC cycle
Inductor
saturation
HBCS TxL and TxM thresholds
crossed in less than 255 ns
OR
Higher threshold crossing
LS driver turned off and a new
frequency is calculated.
If the situation is not recovered
after 200 ms, the IC is shut down
in low consumption mode
VCC cycle
Hard switching
PWM_det higher than 2.35 V at
LSD turn on
IC is shut down in low
consumption mode after 200 ms
of HSW events
VCC cycle
Overcurrent
HBCS TxL and TxM thresholds
crossing (different values during
ignition or run mode)
Frequency increase proportional
to the failure.
If the situation is not recovered
after 200 ms the IC is shut down
in low consumption mode
VCC cycle
End Of Life
EOL voltage outside the limits of
the window comparator
- Delay time started
- If EOL voltage is outside the
limits of the window comparator at
the end of the timer count than
the IC is shut down (latched)
VCC cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com