Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6521TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6521TR
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521TR Datasheet(HTML) 5 Page - STMicroelectronics

  L6521TR Datasheet HTML 1Page - STMicroelectronics L6521TR Datasheet HTML 2Page - STMicroelectronics L6521TR Datasheet HTML 3Page - STMicroelectronics L6521TR Datasheet HTML 4Page - STMicroelectronics L6521TR Datasheet HTML 5Page - STMicroelectronics L6521TR Datasheet HTML 6Page - STMicroelectronics L6521TR Datasheet HTML 7Page - STMicroelectronics L6521TR Datasheet HTML 8Page - STMicroelectronics L6521TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
L6520, L6521
Maximum ratings
Doc ID 16998 Rev 3
5/19
3
Maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Pin
Parameter
Conditions
Value
Unit
VZ
8
Active clamp protection voltage
Active clamp protection must not be supplied
by a low impedance voltage source
18.5
V
IVCC
8
Active clamp protection current
During low consumption state
2
mA
VOD1
6,7
Differential voltage between
driver output and VCC
VOD1 = VCC – VOUT
(1)
18.5
V
VOD2
6,7
Differential voltage between
driver output and GND
VOD2 = VOUT – GND
(1)
18.5
V
VFPRE
1
FPRE positive voltage
5
V
VFPRE
1
FPRE negative voltage
-0.3
V
VPWM_det
4
PWM_det pin positive voltage
PWM_det input current < 5mA
5.1
V
VPWM_det
4
PWM_det pin negative voltage
PWM_det output current < 0.1mA
-0.3
V
VHBCS
3
HBCS positive voltage
5
V
VHBCS
3
HBCS negative voltage
HBCS output current < 2mA
-5
V
VEOL,max
2
EOL positive voltage
EOL input current < 5mA
5
V
VEOL,min
2
EOL negative voltage
EOL output current < 0.1mA
-0.3
V
1.
VOUT refers to the voltage at either LVG pin or HVG pin
Table 4.
Thermal data
Symbol
Description
Value
Unit
RthJA
Max. thermal resistance junction to ambient
150
°C/W
TJ
Junction operating temperature range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com