Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D100NIP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC4D100NIP
Description  Sharp Microelectronics of the Americas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC4D100NIP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC4D100NIP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sharp Microelectronics of the Americas
Sharp
Microelectronics of
the Americas
Sharp
Microelectronics
of
the
Americas
Sharp Microelectronics of the Americas
MySharp Login
Sharp
Microelectronics
of the
Americas
Product
Categories
for Sharp
SMA
System Solution
Diagrams
Support
Information
Where To Buy
Directory
Corporate
News, Press
Releases,
Media
Coverage,
Tradeshows,
Corporate
Profile,
Directions,
Media
Contacts and
more
Jobs
listings
and
local
information
Site Index
for the Sharp
SMA Website
Sharp Microelectronics of the Americas | www.sharpsma.com
PC4D100NiP
Dual Channel SOP8 Pin High Speed Photocoupler
Summary
Dual Channel SOP8 pin package, High
Speed (10 Mbps), High CMR (10KV/us)
Photocoupler.
Applications
Power Supplies (DC to DC Converters),
Factory Automation (Industrial controllers),
Telecommunications
Part Package - Lead Form - Shipment Package
SOP8-pin - SMT - Tape and Reel (1000 pcs)
Electro-Optical Characteristics
Isolation Voltage Viso (2,500 Vrms),
Response Time (75 nanoseconds @ Vcc = 5V, IF = 7.5mA),
Input (DC),
Common Mode Rejection (High: MIN. 10kV/us @ Vcm = 1000
V)
Safety Standard Approvals
VDE (DIN VDE0884) (Optionally Available (PC4D100YiP)),
UL (UL1577)
Life Cycle Status
New
If you require additional information or documentation,
click HERE to contact your nearest SHARP sales representative.
file:///C|/Documents%20and%20Settings/ashamy/Desktop/shar/sharp%20microelectronics%20of%20the%20americas2.html6/28/2005 3:18:04 PM


Similar Part No. - PC4D100NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
More results

Similar Description - PC4D100NIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM6136 ETC-SM6136 Datasheet
69Kb / 3P
SHENZHEN STATE MICROELECTRONICS CO.,LTD.
logo
AZ Displays
SF14CR-CCD AZDISPLAYS-SF14CR-CCD Datasheet
3Mb / 6P
color camera incorporates the Sharp 1/4 CCD image sensor
logo
Pulse A Technitrol Comp...
PF0037 PULSE-PF0037 Datasheet
98Kb / 1P
POWER TRANSFORMERS For ST Microelectronics Viper 12A
logo
KR Electronics, Inc.
2884 KR-2884 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
logo
Sharp Corporation
LS012B7DD01 SHARP-LS012B7DD01 Datasheet
441Kb / 8P
The Sharp Memory LCD Suite
logo
List of Unclassifed Man...
6AU6 ETC1-6AU6 Datasheet
467Kb / 7P
Sharp-Cutoff Pentode
logo
NXP Semiconductors
EF184 PHILIPS-EF184 Datasheet
582Kb / 15P
SHARP CUT-OFF PENTODE
logo
List of Unclassifed Man...
HM8350A ETC-HM8350A Datasheet
389Kb / 3P
Hualon Microelectronics / HM8350A DIP 18 Pin
Mar/Apr 2002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com