Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7643 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7643
Description  18-Bit, 1.25 MSPS PulSAR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 4 Page - Analog Devices

  AD7643 Datasheet HTML 1Page - Analog Devices AD7643 Datasheet HTML 2Page - Analog Devices AD7643 Datasheet HTML 3Page - Analog Devices AD7643 Datasheet HTML 4Page - Analog Devices AD7643 Datasheet HTML 5Page - Analog Devices AD7643 Datasheet HTML 6Page - Analog Devices AD7643 Datasheet HTML 7Page - Analog Devices AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7643
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
Turn-On Settling Time
CREF = 10 μF
5
ms
REFBUFIN Output Voltage
REFBUFIN @ 25°C
1.19
V
REFBUFIN Output Resistance
6.33
kΩ
EXTERNAL REFERENCE
PDREF = PDBUF = high
Voltage Range
REF
1.8
2.5
AVDD + 0.1
V
Current Drain
1.25 MSPS throughput
100
μA
REFERENCE BUFFER
PDREF = high, PDBUF = low
REFBUFIN Input Voltage Range
REF = 2.048 V typical
1.05
1.2
1.30
V
REFBUFIN Input Current
REFBUFIN = 1.2 V
1
nA
TEMPERATURE PIN
Voltage Output
@ 25°C
278
mV
Temperature Sensitivity
1
mV/°C
Output Resistance
4.7
kΩ
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.6
V
VIH
1.7
5.25
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format7
Pipeline Delay8
VOL
ISINK = 500 μA
0.4
V
VOH
ISOURCE = −500 μA
OVDD − 0.3
V
POWER SUPPLIES
Specified Performance
AVDD
2.37
2.5
2.63
V
DVDD
2.37
2.5
2.63
V
OVDD
2.309
3.6
V
Operating Current10
1.25 MSPS throughput
AVDD11
With internal reference
24
mA
DVDD
1.5
mA
OVDD12
0.5
mA
Power Dissipation10, 11
With Internal Reference
1.25 MSPS throughput
65
80
mW
With External Reference
1.25 MSPS throughput
60
75
mW
In Power-Down Mode12
PD = high
2
μW
TEMPERATURE RANGE13
Specified Performance
TMIN to TMAX
−40
+85
°C
1 When using an external reference. With the internal reference, the input range is −0.1 V to VREF.
2 See Analog Inputs section.
3 Linearity is tested using endpoints, not best fit.
4 LSB means least significant bit. With the ±2.048 V input range, 1 LSB is 15.63 μV.
5 See Voltage Reference Input section. These specifications do not include the error contribution from the external reference.
6 All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
7 Parallel or serial 18-bit.
8 Conversion results are available immediately after completed conversion.
9 See the Absolute Maximum Ratings section.
10 Tested in parallel reading mode.
11 With internal reference, PDREF and PDBUF are low; with external reference, PDREF and PDBUF are high.
12 With all digital inputs forced to OVDD.
13 Consult sales for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com