Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
–13–
AD7650
POWER DISSIPATION VS. THROUGHPUT
Operating currents are very low during the acquisition phase,
which allows a significant power saving when the conversion
rate is reduced as shown in Figure 7. This power saving depends
on the mode used. In impulse mode, the AD7650 automatically
reduces its power consumption at the end of each conversion
phase. This feature makes the AD7650 ideal for very low power
battery applications. It should be noted that the digital interface
remains active even during the acquisition phase. To reduce the
operating digital supply currents even further, the digital inputs
need to be driven close to the power supply rails (i.e., DVDD or
DGND for all inputs except EXT/
INT, INVSYNC, INVSCLK,
RDC/SDIN, and OVDD or OGND for these last four inputs).
100k
0.1
SAMPLING RATE – SPS
100k
1k
10
1
100
10k
1M
10k
1k
100
10
1
0.1
WARP/NORMAL
IMPULSE
Figure 7. Power Dissipation vs. Sampling Rate
CONVERSION CONTROL
Figure 8 shows the detailed timing diagrams of the conversion
process. The AD7650 is controlled by the signal
CNVST which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by the power-down input PD, until the conver-
sion is complete. The
CNVST signal operates independently of
CS and RD signals.
CNVST
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
Figure 8. Basic Conversion Timing
In impulse mode, conversions can be automatically initiated.
If
CNVST is held low when BUSY is low, the AD7650 controls
the acquisition phase and then automatically initiates a new
conversion. By keeping
CNVST low, the AD7650 keeps the
conversion process running by itself. It should be noted that the
analog input has to be settled when BUSY goes low. Also, at
power-up,
CNVST should be brought low once to initiate the
conversion process. In this mode, the AD7650 could sometimes
run slightly faster then the guaranteed limits in the impulse mode
of 444 kSPS. This feature does not exist in warp or normal modes.
t9
t8
RESET
DATA
BUSY
CNVST
Figure 9. RESET Timing
Although
CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot and undershoot or ringing.
It is a good thing to shield the
CNVST trace with ground and
also to add a low value serial resistor (i.e., 50 V) termination
close to the output of the component that drives this line.
For applications where the SNR is critical,
CNVST signal should
have a very low jitter. Some solutions to achieve that is to use a
dedicated oscillator for
CNVST generation or, at least, to clock
it with a high-frequency low-jitter clock as shown in Figure 5.
DIGITAL INTERFACE
The AD7650 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7650 digital interface also accommodates both 3 V or 5 V logic
by simply connecting the OVDD supply pin of the AD7650 to
the host system interface digital supply. Finally, by using the
OB/
2C input pin, both two’s complement or straight binary
coding can be used.
The two signals
CS and RD control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually,
CS allows the selection of each AD7650 in
multicircuits applications and is held low in a single AD7650
design.
RD is generally used to enable the conversion result on
the data bus.
t1
t3
t4
t11
CNVST
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
Figure 10. Master Parallel Data Timing for Reading
(Continuous Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com