Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS186EB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QS186EB
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS186EB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QS186EB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 9Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Opposed - Glass Fiber (Performance is based on a 90% re-
flectance white test card.)
Bifurcated - Glass Fiber (Performance is based on a 90% re-
flectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
.1 m
.33 ft
1 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18F
Opposed Mode
Glass Fibers
IT23S Fibers
w/L9 lenses
IT23S
Fibers
IT13S
Fibers
500 mm
20 in
400 mm
16 in
300 mm
12 in
200 mm
8 in
100 mm
4 in
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1 in
2 in
3 in
1 in
2 in
3 in
DISTANCE
QS18F
Opposed Mode
IT13S
IT23S
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18F
Diffuse Mode
Glass Fibers
BT23S Fiber
BT13S Fiber
37.5 mm
1.5 in
30 mm
1.2 in
22.5 mm
0.9 in
15 mm
0.6 in
7.5 mm
0.3 in
0
0
0.65 mm
1.3 mm
1.9 mm
0.65 mm
1.3 mm
1.9 mm
0
0.025 in
0.050 in
0.075 in
0.025 in
0.050 in
0.075 in
DISTANCE
QS18F
Diffuse Mode
BT23S
BT13S
Wiring Diagrams
QS18 with NPN (Sinking) Outputs
QS18 with PNP (Sourcing) Outputs
QS18 Emitters
3
1
4
2
10-30V dc
–
+
Load
Load
3
1
4
2
10-30V dc
–
+
Load
Load
bn (1)
bu (3)
+
−
10–30V dc
Installing Fibers
Cutting Unterminated Plastic Fibers
Unterminated plastic fibers are designed to be cut by the user to the length required for the application.
To facilitate cutting, a Banner model PFC-1 cutting device is supplied with the fiber. Cut the fiber as follows:
Cutting Ports
Lift to Open Ports
Use small ports for fiber sizes:
• 0.25 mm (0.01 inches)
• 0.5 mm (0.02 inches)
Use large ports for fiber sizes:
• 0.75 mm (0.03 inches)
• 1.0 mm (0.04 inches)
• 1.5 mm (0.06 inches)
1. Locate the “control end” of the fiber (the unfinished end).
2. Determine the length of fiber required for the application. If using a bifurcated fiber, separate the two halves of the fiber at least 2
inches beyond the fiber cutting location.
3. Lift the top (blade) of the cutter to open the cutting ports.
4. Insert one of the control ends through one of the cutting ports on the PFC-1 cutter so that the excess fiber protrudes from the back of
the cutter.
5. Double-check the fiber length, and close the cutter until the fiber is cut.
6. Using a different cutting port, cut the second control end to the required length. To ensure a clean cut each time, do not use a cutting
port more than once.
7. Gently wipe the cut ends of the fiber with a clean, dry cloth to remove any contamination. Do not use solvents or abrasives on any
exposed optical fiber.
WORLD-BEAM QS18
P/N 63908 Rev. H
www.bannerengineering.com - tel: 763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com