Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXHF1091 Datasheet(PDF) 2 Page - API Delevan

Part # BXHF1091
Description  High Frequency Microwave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1091 Datasheet(HTML) 2 Page - API Delevan

  BXHF1091 Datasheet HTML 1Page - API Delevan BXHF1091 Datasheet HTML 2Page - API Delevan BXHF1091 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 9/10/2014
2
Model # BXHF1091
Gain (dB)
Frequency (GHz)
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
3rd Order Intercept (dBm)
2nd Order Intercept (dBm)
1 dB Compression (dBm)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
15
16
17
18
19
20
21
22
23
24
25
67
89
10
0
1
2
3
4
5
6
7
8
9
10
6
789
10
15
16
17
18
19
20
21
22
23
24
25
67
89
10
20
22
24
26
28
30
32
34
36
38
40
67
89
10
20
25
30
35
40
45
50
6
789
10
-80
-70
-60
-50
-40
-30
-20
-10
67
89
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com