Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS186LE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QS186LE
Description  WORLD-BEAM QS186LE Laser Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS186LE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QS186LE Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Model
Reflectivity Factor
Maximum Temperature
Size
BRT-THG-18X36
0.7
+60 °C (+140 °F)
457 × 914 mm (single sheet)
Mounting Brackets
All measurements are listed in millimeters.
SMB18A
•
Right-angle mounting
bracket with a curved
slot for versatile
orientation
•
12-ga. stainless steel
•
18 mm sensor
mounting hole
•
Clearance for M4 (#8)
hardware
30
41
46
A
B
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 18.5
SMB312S
•
Stainless steel 2-axis,
side-mount bracket
46
B
C
A
32
20
A = 4.3 x 7.5, B = diam. 3, C
= 3 x 15.3
SMBQS18Y
•
Die-cast bracket for
18 mm holes
•
Includes metal hex
nut and lock washer
•
Allows ± 8° for cabled
sensors
Hole size: A = ø 15.3
7.8 mm
[0.31"]
15.5 mm
[0.61"]
19.5 mm
[0.77"]
9.8 mm
[0.38"]
14.5 mm
[0.57"]
25.4 mm
[1"]
16.4 mm
[0.65"]
24.1 mm
[0.94"]
4.5 mm
[0.18"]
3.4 mm
[0.13"]
2x R24.1 mm
[0.95"]
2x 8
38.0 mm
[1.50"]
12.0 mm
[0.47"]
SMB46A
•
2-piece 12-ga.
stainless steel bracket
assembly with
precision sensor
alignment adjustment
•
2 mm hex key
included
61 mm
43 mm
A
B
B
Hole center spacing: A to B = 18.5, B = 30.5
Hole size: A = ø 6.6, B = 7.1 x 20.3
SMBQS18A
•
Wrap-around
protection bracket
•
Die-cast bracket
•
Base fits 18 mm
threaded hole
•
Metal hex nut, lock
washer and grommet
included
•
Mounting holes
specially designed for
QS18AF sensors
Hole size: A = ø 15.3
62
25
19
A
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following
the date of shipment. Banner Engineering Corp. will repair or replace, free of charge, any product of its manufacture
which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty
does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
WORLD-BEAM QS186LE Laser Emitter
P/N 109415 Rev. H
www.bannerengineering.com - tel: 763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com