Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2312 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2312 Datasheet HTML 1Page - RF Micro Devices RF2312 Datasheet HTML 2Page - RF Micro Devices RF2312 Datasheet HTML 3Page - RF Micro Devices RF2312 Datasheet HTML 4Page - RF Micro Devices RF2312 Datasheet HTML 5Page - RF Micro Devices RF2312 Datasheet HTML 6Page - RF Micro Devices RF2312 Datasheet HTML 7Page - RF Micro Devices RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
3-2
RF2312
Rev C6 051025
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+18
dBm
Output Load VSWR
20:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (50
Ω)
T=25°C, VCC=9V, Freq = 900 MHz,
RC=30Ω, 50Ω System, PIN=-4dBm
Frequency Range
DC to 2500
MHz
3dB Bandwidth
Gain
14.5
15.1
dB
Noise Figure
3.8
4.3
dB
From 50MHz to 300MHz, -30 to +70 °C
4.2
4.8
dB
From 300MHz to 1000MHz, -30 to +70 °C
Input VSWR
1.7:1
2:1
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain this VSWR at the intended operat-
ing frequency range.
Output VSWR
1.4:1
2:1
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain this VSWR at the intended operat-
ing frequency range.
Output IP3
+40
+42
dBm
At 100MHz
Output IP3
+33
+36
dBm
At 500MHz
Output IP3
+30
+33
dBm
At 900MHz
Output P1dB
+21
+22
dBm
At 100MHz
Output P1dB
+20
+21
dBm
At 500MHz
Output P1dB
+17
+18.5
dBm
At 900MHz
Saturated Output Power
+23
dBm
At 100MHz
Saturated Output Power
+22.5
dBm
At 500MHz
Saturated Output Power
+20.5
dBm
At 900MHz
Reverse Isolation
20
dB
Thermal
ThetaJC
114.9
°C/W
ICC=100mA, PDISS =0.555W, TAMB=85°C,
TJ=149°C
No RF Input/Output
Mean Time To Failure
2170
years
TAMB=+85°C
ThetaJC
114.05
°C/W
ICC=120mA, PDISS =0.702W, TAMB=85°C,
TJ=165°C
No RF Input/Output
Mean Time To Failure
2170
years
TAMB=+85°C
Power Supply
Device Voltage (VD)
5.5
V
On pin 8, ICC=100mA
5.0
V
On pin 8, ICC=40mA
Operating Current Range
40
100
120
mA
VCC=9.0V, RC=30Ω
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com