Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK670-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK670-R
Description  USB CABLE A TO A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK670-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK670-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AK670-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670-1 ASSMANN-AK670-1 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-2 ASSMANN-AK670-2 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-3 ASSMANN-AK670-3 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-5 ASSMANN-AK670-5 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-OE ASSMANN-AK670-OE Datasheet
90Kb / 1P
USB Cable A-Male
More results

Similar Description - AK670-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
AK670-1 ASSMANN-AK670-1 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-2 ASSMANN-AK670-2 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-3 ASSMANN-AK670-3 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-5 ASSMANN-AK670-5 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
logo
Tripp Lite. All Rights ...
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com