Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-80LS Datasheet(PDF) 2 Page - CUI INC

Part # SD-80LS
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-80LS Datasheet(HTML) 2 Page - CUI INC

  SD-80LS Datasheet HTML 1Page - CUI INC SD-80LS Datasheet HTML 2Page - CUI INC SD-80LS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date 01/27/2012 page 2 of 3
SERIES: SD-XXLS
STANDARD DIN CONNECTOR
DESCRIPTION:
CUI Inc
0.717
18.2
0.1
0.1
17.00.669
Panel Cutout
0.70 0.028
7.00.276
45°
3
1
4
2
5
67
8
2.4
11.80.465
0.094
20.10.791
7.0 0.276
1
2
3
2.4
11.8 0.465
0.094
20.10.791
7.00.276
72°
2
14
3
2.4
0.465
11.8
0.094
20.10.791
7.00.276
45°
3
4
2
1
5
2.4
11.80.465
0.094
20.10.791
7.0 0.276
60°
5
2
6
3
1
4
2.4
11.8 0.465
0.094
20.10.791
7.00.276
45°
7
1
4
2
5
6
3
2.4
11.80.465
0.094
20.10.791
M16
M18
13.8 0.543
0.059
1.5
0.130
3.3
0.516
13.1
20.00.787
2.00.079
(TYP
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
SD-30LS
SD-60LS
SD-40LS
SD-70LS
SD-50LS
SD-80LS
MATERIAL
PLATING
contact terminals
BSR-H0.6t
silver
hex nut
brass
nickel
cover
brass
nickel
housing
PBT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com