Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPC32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLPC32
Description  Solid Links for BS88 Type Fuse Carriers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLPC32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLPC32 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid Links for BS88 Type Fuse Carriers
Solid links to fit BS88 fuse carriers. Use these
where a cable termination has to be made but
it is desirable that a fuse is not fitted. For
example, the neutral cable, terminated
alongside the fused live.
Page Down
partnumber
description
SLA120
SOLID LINK SIZE A1 RATED 20A BS88
SLA232
SOLID LINK SIZE A2 RATED 32A BS88
SLA363
SOLID LINK SIZE A3 RATED 63A BS88
SLA4100
SOLID LINK SIZE A4 RATED 100A BS88
SLB2200
SOLID LINK SIZE B2 RATED 200A BS88
SLB3315
SOLID LINK SIZE B3 RATED 315A BS88
SLB4400
SOLID LINK SIZE B3 RATED 400A BS88
SLE120
SOLID LINK SIZE E1 RATED 20A BS88
SLF132
SOLID LINK SIZE F1 RATED 32A BS88
SLF263
SOLID LINK SIZE F2 RATED 63A BS88
SLPC32
SOLID LINK SIZE F2 RATED 32A BS88


Similar Part No. - SLPC32

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLPCC001-C03N ROSENBERGER-SLPCC001-C03N Datasheet
81Kb / 2P
Power cable connection
SLPCC001-C05N ROSENBERGER-SLPCC001-C05N Datasheet
78Kb / 2P
Power cable connection
SLPCC001-C06N ROSENBERGER-SLPCC001-C06N Datasheet
81Kb / 2P
Power cable connection
More results

Similar Description - SLPC32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
255.08 LITTELFUSE-255.08 Datasheet
99Kb / 1P
Insulating nuts for CF8-Fuse links
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
NH Fuse Links
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
FG450 COOPER-FG450_15 Datasheet
83Kb / 3P
FG BS88 Centre bolted tags fuse links
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
Fuse link type CMF High voltage – fuse links
logo
Bel Fuse Inc.
0AFG BEL-0AFG Datasheet
505Kb / 3P
240V, BS88‐4 Semiconductor Fuse
Rev. 0AFG Dec17 2020
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com