Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK672-2 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK672-2
Description  USB 1.1 Cable - A Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK672-2 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK672-2 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12.0MM±0.3MM
4
3
2
1
P1
P2
4P
3P
1P
2P
2,000MM±50MM
PIN Assignment:
P1
1
2
3
4
SHELL
P2
1
2
3
4
SHELL
RED
WHITE
GREEN
BLACK
DRAIN+BRAID
SEAL
100MM
90MM Max
1PC / PE Bag
Material:
• Cable: USB1.1 E189529 UL2725 28#/1P+24#/2C+AEB
- OD 4.7MM
- Beige (IV-29#)
• P1 Connector: USB A Male Shell
- Pin G/F
- 4PCS Type
- Insulator color: white
- Shell Plate Nickel
• P2 Connector: USB A Male Shell
- Pin G/F
- 3PCS Type
- Insulator color: white
-Shell Plate Nickel
• Outer Jacket: Beige (IV-29#) PVC-40P
• 80°C 30V VW-1
Electrical:
• 100% short, open, miswire test
• Conduct resistance: 2 Max.
• Insulation resistance: 5M Min.
• Dielectric test: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.04.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK672-2-R
USB 1.1 Cable - A Male <=> B Male,
Beige, 2 Meters
Complaint
RoHS
rev00


Similar Part No. - AK672-2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK672-2-BLACK ASSMANN-AK672-2-BLACK Datasheet
77Kb / 1P
USB Cable A to B, Ver 1.1 & 2.0,
AK672-2HQC-R ASSMANN-AK672-2HQC-R Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
More results

Similar Description - AK672-2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK672-1HQC-R ASSMANN-AK672-1HQC-R Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK672-2HQC-R ASSMANN-AK672-2HQC-R Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK672-3 ASSMANN-AK672-3 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-3-BLACK ASSMANN-AK672-3-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK672-5 ASSMANN-AK672-5 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-5-BLACK ASSMANN-AK672-5-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-5-GR-R ASSMANN-AK670M2-5-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com