Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXHF1200 Datasheet(PDF) 2 Page - API Delevan

Part # BXHF1200
Description  High Frequency Millimeter-wave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1200 Datasheet(HTML) 2 Page - API Delevan

  BXHF1200 Datasheet HTML 1Page - API Delevan BXHF1200 Datasheet HTML 2Page - API Delevan BXHF1200 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
35
37
39
41
43
45
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
35
37
39
41
43
45
10
20
30
40
50
60
70
80
35
37
39
41
43
45
10
11
12
13
14
15
16
17
18
19
20
35
37
39
41
43
45
30
31
32
33
34
35
36
37
38
39
40
35
37
39
41
43
45
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
35
37
39
41
43
45
10/27/2014
2
Gain (dB)
Frequency (GHz)
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
1 dB Compression (dBm)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Model # BXHF1200
Input VSWR
Output VSWR
Frequency (GHz)
Frequency (GHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com