Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12-221-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SD12-221-R
Description  SD Series High Power Density, Low Profile, Shielded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD12-221-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SD12-221-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 4Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 5Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 6Page - Cooper Bussmann, Inc. SD12-221-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Typ.
Typ.
SD20-R47-R
0.47
0.490
A
3.59
4.00
0.0200
2.28
SD20-1R2-R
1.20
1.21
B
3.07
2.55
0.0275
3.58
SD20-1R5-R
1.50
1.69
C
2.88
2.15
0.0312
4.23
SD20-2R2-R
2.20
2.25
D
2.45
1.87
0.0429
4.88
SD20-3R3-R
3.30
3.61
E
2.17
1.47
0.0547
6.18
SD20-4R7-R
4.70
4.41
F
2.05
1.33
0.0612
6.83
SD20-6R2-R
6.20
6.25
G
1.89
1.12
0.0720
8.13
SD20-8R2-R
8.20
8.41
H
1.61
0.966
0.1000
9.43
SD20-100-R
10.0
9.61
J
1.53
0.903
0.1100
10.08
SD20-150-R
15.0
15.21
K
1.25
0.718
0.1655
12.68
SD20-220-R
22.0
22.09
L
1.12
0.596
0.2053
15.28
SD20-330-R
33.0
32.49
M
0.913
0.491
0.3100
18.53
SD20-470-R
47.0
47.61
N
0.745
0.406
0.4650
22.43
SD20-680-R
68.0
68.89
O
0.610
0.337
0.6947
26.98
SD20-820-R
82.0
82.81
P
0.576
0.308
0.7785
29.58
SD20-101-R
100
98.01
Q
0.495
0.283
1.06
32.18
SD20-151-R
150
151.3
R
0.435
0.228
1.37
39.98
SD20-221-R
220
222.0
S
0.356
0.188
2.04
48.43
SD20-331-R
330
327.6
T
0.294
0.155
2.99
58.83
SD20-471-R
470
470.9
U
0.263
0.129
3.74
70.53
SD20-681-R
680
681.2
V
0.216
0.107
5.56
84.83
SD20-821-R
820
823.7
W
0.204
0.098
6.22
93.28
SD20-102-R
1000
1004.9
X
0.172
0.088
8.73
103
SD25-R47-R
0.47
0.466
A
3.88
6.00
0.0177
2.13
SD25-R82-R
0.82
0.770
B
3.58
4.67
0.0208
2.74
SD25-1R2-R
1.20
1.15
C
3.33
3.81
0.0240
3.34
SD25-1R5-R
1.50
1.61
D
3.12
3.23
0.0274
3.95
SD25-2R2-R
2.20
2.14
E
2.93
2.80
0.0311
4.56
SD25-3R3-R
3.30
3.43
F
2.64
2.21
0.0384
5.78
SD25-4R7-R
4.70
5.03
G
2.39
1.83
0.0467
6.99
SD25-6R8-R
6.80
6.93
H
2.19
1.56
0.0556
8.21
SD25-8R2-R
8.20
7.99
J
1.92
1.45
0.0724
8.82
SD25-100-R
10.0
10.35
K
1.80
1.27
0.0824
10.03
SD25-150-R
15.0
14.45
L
1.67
1.08
0.0956
11.86
SD25-220-R
22.0
22.81
M
1.34
0.857
0.1478
14.90
SD25-330-R
33.0
33.07
N
1.11
0.711
0.2149
17.94
SD25-470-R
47.0
47.89
O
0.919
0.592
0.3156
21.58
SD25-680-R
68.0
68.64
P
0.741
0.482
0.4850
25.84
SD25-820-R
82.0
82.17
Q
0.713
0.441
0.5242
28.27
SD25-101-R
100
100.79
R
0.670
0.398
0.5937
31.31
SD25-151-R
150
148.4
S
0.553
0.328
0.8723
38.00
SD25-221-R
220
222.4
T
0.446
0.268
1.34
46.51
SD25-331-R
330
332.2
U
0.359
0.219
2.07
56.85
SD25-471-R
470
472.4
V
0.293
0.184
3.10
67.79
SD25-681-R
680
677.2
W
0.262
0.154
3.88
81.17
SD25-821-R
820
826.7
X
0.230
0.139
5.04
89.68
SD25-102-R
1000
1003.4
Y
0.216
0.126
5.70
98.80
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) SD10,12,18,25 Peak current for approximate 30% roll off at 20°C.
SD14 Peak current for approximate 20% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
SD Series
High Power Density,
Low Profile, Shielded Inductors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com